Electronic Components Datasheet Search
  English  ▼

X  

APM2701CG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2701CG
Description  Dual Enhancement Mode MOSFET (N and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2701CG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2701CG Datasheet HTML 1Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 2Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 3Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 4Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 5Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 6Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 7Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 8Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
www.anpec.com.tw
3
APM2701CG
APM2701CG
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics (Cont.)
ISD=0.5A, VGS=0V
N-Ch
0.7
1.3
VSD
a
Diode Forward Voltage
ISD=-0.5A, VGS=0V
P-Ch
-0.7
-1.3
V
Dynamic Characteristics
b
N-Ch
270
Ciss
Input Capacitance
P-Ch
300
N-Ch
70
Coss
Output Capacitance
P-Ch
50
N-Ch
50
Crss
Reverse Transfer
Capacitance
N-Channel
VGS=0V,
VDS=10V,
Frequency=1.0MHz
P-Channel
VGS=0V,
VDS=-10V,
Frequency=1.0MHz
P-Ch
30
pF
N-Ch
6
12
td(ON)
Turn-on Delay Time
P-Ch
6
10
N-Ch
5
10
Tr
Turn-on Rise Time
P-Ch
8
12
N-Ch
12
23
td(OFF)
Turn-off Delay Time
P-Ch
10
15
N-Ch
6
12
Tf
Turn-off Fall Time
N-Channel
VDD=10V, RL=10
Ω,
IDS=1A, VGEN=4.5V,
RG=6
Ω
P-Channel
VDD=-10V, RL=10
Ω,
IDS=-1A, VGEN=-4.5V,
RG=6
Ω
P-Ch
5
10
ns
Gate Charge Characteristics
b
N-Ch
5
6.5
Qg
Total Gate Charge
P-Ch
4
6
N-Ch
0.5
Qgs
Gate-Source Charge
P-Ch
0.6
N-Ch
1.6
Qgd
Gate-Drain Charge
N-Channel
VDS=10V, VGS=4.5V,
IDS=3A
P-Channel
VDS=-10V, VGS=-4.5V,
IDS=-1.5A
P-Ch
1
nC
Notes:
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%.
b : Guaranteed by design, not subject to production testing.
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com