Electronic Components Datasheet Search
  English  ▼

X  

APM2701CG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2701CG
Description  Dual Enhancement Mode MOSFET (N and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2701CG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2701CG Datasheet HTML 1Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 2Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 3Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 4Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 5Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 6Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 7Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 8Page - Anpec Electronics Coropration APM2701CG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
www.anpec.com.tw
4
APM2701CG
1E-4
1E-3
0.01
0.1
1
10 30
0.01
0.1
1
2
Mounted on 1in
2 pad
R
θJA : 150
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Typical Characteristics
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
Tj - Junction Temperature (°C)
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
N-Channel
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1
10
100
0.01
0.1
1
10
50
Rds(on)
L
imit
1s
T
A
=25
oC
10ms
300
µs
1ms
100ms
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com