Electronic Components Datasheet Search
  English  ▼

X  

JVZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JVZ
Description  Metal Oxide Varistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JVZ Datasheet HTML 1Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 2Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 3Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 4Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 5Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 6Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 7Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 8Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Metal Oxide Varistor JVZ Series
1
Features
1. RoHS / Halogen-Free (HF) compliant
2.
Body size: Ф5 ~ Ф25mm
3. Wide operating voltage range: 11Vac ~ 680
Vac
4. Operating temperature range: -40°C ~ +105°C
5. Storage temperature range: -40°C ~ +125°C
6. Agency recognition: UL 1449 4 th / CUL / VDE/
CQC
Applications
1. Power supply
2. Home appliance
3. Industrial equipment
4. Telecommunication or telephone
system
5. Smart meter
6. PLC (Power line communication)
7. Lighting products
8. Photovoltaic industry
How to order
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
J
V
Z
1
0
S
1
8
1
K
6
5
Y
A
W
①
②
③
④
⑤
⑥
⑦
⑧
⑨
①
Product
Type
JVZ series
④
Varistor
Voltage
V1mA
180=18V
181=180V
182=1800V
⑦
Lead
Spacing
5 = 5mm
7 = 7.5mm
1 = 10mm
②
Body
Size
05S = 5mm
07S = 7mm
10S = 10mm
14S = 14mm
20S = 20mm
25S = 25mm
⑤
Tolerance
of V1mA
K=±10%
L = ±15%
M = ±20%
M = ±25%
⑧ Lead Style
P = Straight Lead
Y = Vertical Kink Lead
*Special lead styles per request
③
Series
N = Standard
S = High Surge
U = Ultra Surge
⑥
Lead
Diameter
6 = 0.6mm
8 = 0.8mm
1 = 1.0mm
⑨ Packaging
50 = 5± 1.0mm for Straight lead
5± 0.5mm for Kink lead
U4 = 24mm min. for Bulk and
Kink lead
U5 = 25mm min. for Bulk and
Straight lead
AW = H0 16mm for Ammo and
Kink lead
AY = H0 20mm for Ammo and
Straight lead
RW = H0 16mm for T / R and
Kink lead
RY = H0 20mm for T / R and
Straight lead
*Special spec per request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com