Electronic Components Datasheet Search
  English  ▼

X  

JVZ Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # JVZ
Description  Metal Oxide Varistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVZ Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button JVZ Datasheet HTML 10Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 11Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 12Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 13Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 14Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 15Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 16Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 17Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Metal Oxide Varistor JVZ Series
13
Ultra Surge Series Specification
Agency Approvals
Agency
UL
CUL
VDE
CQC
Agency
Approvals
UL1449
4
th Edition
CSA 22.2
No. 269.5-17
IEC61051-1
IEC61051-2
IEC61051-2-2
IEC61051-1
IEC61051-2
IEC61051-2-2
IEC62368-1:2018/G.8.1
GB/T10193-1997
GB/T10194-1997
GB4943.1-2011
GB/T10193-1997
GB/T10194-1997
GB8898-2011
Title
Transient
Voltage Surge
Suppressors
Transient
Voltage Surge
Suppressors
Varistors for use in electronic equipment
Engaged in Voluntary Product Certification
File No.
VZCA2.E325508
VZCA8.E325508
40046994
CQC19001230701/703/704/705/706
Symbols
☆
○
●
□
■
Ø 5mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 0.1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVZ 05U 180M
18
±20%
11
14
40
1
750
0.25
0.01
0.6
☆
□
JVZ 05U 220L
22
±15%
14
18
48
1
750
0.25
0.01
0.7
☆
□
JVZ 05U 270K
27
±10%
17
22
60
1
750
0.25
0.01
0.9
☆
□
JVZ 05U 330K
33
±10%
20
26
73
1
750
0.25
0.01
1.1
☆
□
JVZ 05U 390K
39
±10%
25
31
86
1
750
0.25
0.01
1.2
☆
□
JVZ 05U 470K
47
±10%
30
38
104
1
750
0.25
0.01
1.5
☆
□
JVZ 05U 560K
56
±10%
35
45
123
1
750
0.25
0.01
1.8
☆
□
JVZ 05U 680K
68
±10%
40
56
150
1
750
0.25
0.01
2.1
☆
□



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com