Electronic Components Datasheet Search
  English  ▼

X  

APM4548 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APM4548
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4548 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APM4548 Datasheet HTML 5Page - Anpec Electronics Coropration APM4548 Datasheet HTML 6Page - Anpec Electronics Coropration APM4548 Datasheet HTML 7Page - Anpec Electronics Coropration APM4548 Datasheet HTML 8Page - Anpec Electronics Coropration APM4548 Datasheet HTML 9Page - Anpec Electronics Coropration APM4548 Datasheet HTML 10Page - Anpec Electronics Coropration APM4548 Datasheet HTML 11Page - Anpec Electronics Coropration APM4548 Datasheet HTML 12Page - Anpec Electronics Coropration APM4548 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.1 - Sep., 2005
www.anpec.com.tw
9
APM4548K
Typical Characteristics (Cont.)
Drain-Source On Resistance
Tj - Junction Temperature (°C)
-VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
-VDS - Drain - Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
P-Channel
-50 -25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
ON
@T
j
=25
oC: 32mΩ
V
GS
= -10V
I
DS
= -6A
0
4
8
12
16
20
0
200
400
600
800
1000
1200
1400
Frequency=1MHz
Crss
Coss
Ciss
0
5
10
15
20
25
0
2
4
6
8
10
V
DS
= -15V
I
D
= -6A
0.0
0.2 0.4 0.6
0.8 1.0
1.2 1.4 1.6
0.1
1
10
20
T
j
=150
oC
T
j
=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com