Electronic Components Datasheet Search
  English  ▼

X  

APM9922K Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9922K
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9922K Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9922K Datasheet HTML 1Page - Anpec Electronics Coropration APM9922K Datasheet HTML 2Page - Anpec Electronics Coropration APM9922K Datasheet HTML 3Page - Anpec Electronics Coropration APM9922K Datasheet HTML 4Page - Anpec Electronics Coropration APM9922K Datasheet HTML 5Page - Anpec Electronics Coropration APM9922K Datasheet HTML 6Page - Anpec Electronics Coropration APM9922K Datasheet HTML 7Page - Anpec Electronics Coropration APM9922K Datasheet HTML 8Page - Anpec Electronics Coropration APM9922K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dual N-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. B.1 - Jun., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM9922K
Features
Applications
Pin Description
Ordering and Marking Information
N-Channel MOSFET
APM9922
Handling Code
Temp. Range
Package Code
Package Code
K : SOP-8
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM9922 K :
APM9922
XXXXX
XXXXX - Date Code
Lead Free Code
°
•
20V/6A,
R
DS(ON) =28mΩ(typ.) @ VGS =4.5V
R
DS(ON) =34mΩ(typ.) @ VGS =2.5V
• Super High Dense Cell Design
• Reliable and Rugged
• Lead Free Available (RoHS Compliant)
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Top View of SOP
− 8
D2
(5)
G2
S2
D2
(6)
(4)
(3)
G1
S1
D1
D1
(8)
(7)
(2)
(1)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.


Similar Part No. - APM9922K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9926 ANPEC-APM9926 Datasheet
141Kb / 11P
N-Channel Enhancement Mode MOSFET
APM9926AK ANPEC-APM9926AK Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TR ANPEC-APM9926AKC-TR Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TRL ANPEC-APM9926AKC-TRL Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TU ANPEC-APM9926AKC-TU Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9922K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com