Electronic Components Datasheet Search
  English  ▼

X  

APM9922K Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM9922K
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9922K Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM9922K Datasheet HTML 1Page - Anpec Electronics Coropration APM9922K Datasheet HTML 2Page - Anpec Electronics Coropration APM9922K Datasheet HTML 3Page - Anpec Electronics Coropration APM9922K Datasheet HTML 4Page - Anpec Electronics Coropration APM9922K Datasheet HTML 5Page - Anpec Electronics Coropration APM9922K Datasheet HTML 6Page - Anpec Electronics Coropration APM9922K Datasheet HTML 7Page - Anpec Electronics Coropration APM9922K Datasheet HTML 8Page - Anpec Electronics Coropration APM9922K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.1 - Jun., 2005
www.anpec.com.tw
5
APM9922K
Drain-Source On Resistance
ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
VDS - Drain-Source Voltage (V)
Output Characteristics
Transfer Characteristics
VGS - Gate - Source Voltage (V)
Typical Characteristics (Cont.)
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
V
GS
= 2, 3, 4, 5, 6, 7, 8, 9, 10V
1V
0.5V
0
4
8
12
16
20
10
15
20
25
30
35
40
45
50
55
60
V
GS
= 4.5V
V
GS
=10V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
4
8
12
16
20
T
j
=125
oC
T
j
=25
oC
T
j
=-55
oC
-50
-25
0
25
50
75
100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS
=250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com