Electronic Components Datasheet Search
  English  ▼

X  

OPA2186DDFR Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA2186DDFR
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2186DDFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2186DDFR Datasheet HTML 12Page - Texas Instruments OPA2186DDFR Datasheet HTML 13Page - Texas Instruments OPA2186DDFR Datasheet HTML 14Page - Texas Instruments OPA2186DDFR Datasheet HTML 15Page - Texas Instruments OPA2186DDFR Datasheet HTML 16Page - Texas Instruments OPA2186DDFR Datasheet HTML 17Page - Texas Instruments OPA2186DDFR Datasheet HTML 18Page - Texas Instruments OPA2186DDFR Datasheet HTML 19Page - Texas Instruments OPA2186DDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Frequency (Hz)
0
5
10
15
20
25
30
1
10
100
1k
10k
100k
1M
VS = r12 V
VS = r2.25 V
Figure 6-37. Maximum Output Voltage vs Frequency
Frequency (Hz)
25
50
75
100
125
150
175
10M
100M
1G
10G
Figure 6-38. EMIRR vs Frequency
Frequency (Hz)
-180
-160
-140
-120
-100
-80
-60
1k
10k
100k
1M
Figure 6-39. Channel Separation
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com