Electronic Components Datasheet Search
  English  ▼

X  

OPA2186DDFR Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA2186DDFR
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2186DDFR Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA2186DDFR Datasheet HTML 14Page - Texas Instruments OPA2186DDFR Datasheet HTML 15Page - Texas Instruments OPA2186DDFR Datasheet HTML 16Page - Texas Instruments OPA2186DDFR Datasheet HTML 17Page - Texas Instruments OPA2186DDFR Datasheet HTML 18Page - Texas Instruments OPA2186DDFR Datasheet HTML 19Page - Texas Instruments OPA2186DDFR Datasheet HTML 20Page - Texas Instruments OPA2186DDFR Datasheet HTML 21Page - Texas Instruments OPA2186DDFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
7.3 Feature Description
The OPAx186 operational amplifier has several integrated features to help maintain a high level of precision
through a variety of applications. These include a rail-to-rail inputs, phase-reversal protection, input bias current
clock feedthrough, EMI rejection, electrical overstress protection and MUX-friendly Inputs.
7.3.1 Rail-to-Rail Inputs
Unlike many chopper amplifiers, the OPAx186 has rail-to-rail inputs that allow the input common-mode voltage
to not only reach, but exceed the supply voltages by 200 mV. This configuration simplifies power-supply
requirements by not requiring headroom over the input signal range.
The OPAx186 is specified for operation from 4.5 V to 24 V (±2.25 V to ±12 V) with rail-to-rail inputs. Many
specifications apply from –40°C to +125°C.
7.3.2 Phase-Reversal Protection
The OPAx186 has internal phase-reversal protection. Some op amps exhibit a phase reversal when the input is
driven beyond the linear common-mode range. This condition is most often encountered in noninverting circuits
when the input is driven beyond the specified common-mode voltage range, causing the output to reverse into
the opposite rail. The OPAx186 input prevents phase reversal with excessive common-mode voltage. Instead,
the output limits into the appropriate rail. Figure 7-1 shows this performance.
Time (100 Ps/div)
VIN (V)
VOUT (V)
Figure 7-1. No Phase Reversal
7.3.3 Input Bias Current Clock Feedthrough
Zero-drift amplifiers such as the OPAx186 use a switching architecture on the inputs to correct for the intrinsic
offset and drift of the amplifier. Charge injection from the integrated switches on the inputs can introduce short
transients in the input bias current of the amplifier. The extremely short duration of these pulses prevents the
pulses from amplifying; however, the pulses can be coupled to the output of the amplifier through the feedback
network. The most effective method to prevent transients in the input bias current from producing additional
noise at the amplifier output is to use a low-pass filter, such as an RC network.
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com