Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 3Page - Texas Instruments POPA2186DDFT Datasheet HTML 4Page - Texas Instruments POPA2186DDFT Datasheet HTML 5Page - Texas Instruments POPA2186DDFT Datasheet HTML 6Page - Texas Instruments POPA2186DDFT Datasheet HTML 7Page - Texas Instruments POPA2186DDFT Datasheet HTML 8Page - Texas Instruments POPA2186DDFT Datasheet HTML 9Page - Texas Instruments POPA2186DDFT Datasheet HTML 10Page - Texas Instruments POPA2186DDFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.7 Electrical Characteristics
at TA = 25°C, VS = ±2.25 V to ±12 V, RL = 10 kΩ connected to VS / 2, VCM = VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA186, OPA2186(1)
±1
±10
μV
OPA4186(1)
±6
±40
dVOS/dT
Input offset voltage drift
TA = –40℃ to +125℃(1)
OPA186, OPA2186
±0.01
±0.04
μV/°C
OPA4186
±0.025
±0.1
PSRR
Power-supply rejection
ratio
TA = –40℃ to +125℃(1)
OPA186, OPA2186
±0.02
±0.2
μV/V
OPA4186
±0.08
±0.4
INPUT BIAS CURRENT
IB
Input bias current
VS = ±12 V
±5
±55
pA
TA = –40℃ to +85℃(1)
±550
TA = –40℃ to +125℃(1),
OPA186, OPA2186
±4.8
nA
TA = –40℃ to +125℃(1),
OPA4186
±6.2
IOS
Input offset current
±10
±100
pA
TA = –40℃ to +85℃(1)
±1
nA
TA = –40℃ to +125℃(1)
OPA186, OPA2186
±1.25
OPA4186
±3.8
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
125
nVRMS
eN
Input voltage noise density f = 1 kHz
40
nV/√Hz
iN
Input current noise
f = 1 kHz
120
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection
ratio
VS = ±2.25 V,
(V–) – 0.1 < VCM < (V+) + 0.1 V
OPA2186
120
140
dB
OPA186
118
140
OPA4186
105
120
VS = ±12 V,
(V–) – 0.1 < VCM < (V+) + 0.1 V
OPA186, OPA2186
120
146
OPA4186
118
134
VS = ±2.25 V,
(V–) – 0.1 < VCM < (V+) + 0.1 V,
TA = –40℃ to +125℃(1)
OPA186, OPA2186
106
120
OPA4186
100
114
VS = ±12 V,
(V–) – 0.1 < VCM < (V+) + 0.1 V,
TA = –40℃ to +125℃(1)
OPA186, OPA2186
115
124
OPA4186
115
124
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
750
kHz
SR
Slew rate
1-V step, G = 1
0.35
V/μs
tS
Settling time
To 0.1%, 1-V step, G = 1
7.5
μs
Overload recovery time
VIN × gain > VS
10
μs
INPUT CAPACITANCE
ZID
Differential
100 || 5
MΩ || pF
ZICM
Common-mode
50 || 2.5
GΩ || pF
OPEN-LOOP VOLTAGE GAIN
AOL
Open-loop voltage gain
VS = ±12 V, RL = 10 kΩ,
(V–) + 0.3 V < VO < (V+) – 0.3 V
123
148
dB
TA = –40℃ to +125℃(1)
123
146
VS = ±12 V, RL = 2 kΩ,
(V–) + 0.65 V < VO < (V+) – 0.65 V
123
148
TA = –40℃ to +125℃(1)
123
146
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com