Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 17 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 13Page - Texas Instruments POPA2186DDFT Datasheet HTML 14Page - Texas Instruments POPA2186DDFT Datasheet HTML 15Page - Texas Instruments POPA2186DDFT Datasheet HTML 16Page - Texas Instruments POPA2186DDFT Datasheet HTML 17Page - Texas Instruments POPA2186DDFT Datasheet HTML 18Page - Texas Instruments POPA2186DDFT Datasheet HTML 19Page - Texas Instruments POPA2186DDFT Datasheet HTML 20Page - Texas Instruments POPA2186DDFT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
7 Detailed Description
7.1 Overview
The OPAx186 operational amplifier combines precision offset and drift with excellent overall performance,
making the device a great choice for a wide variety of precision applications. The precision offset drift of only
0.01 µV/°C provides stability over the entire operating temperature range of –40°C to +125°C. In addition, this
device offers excellent linear performance with high CMRR, PSRR, and AOL. As with all amplifiers, applications
with noisy or high-impedance power supplies require decoupling capacitors close to the device pins. In most
cases, 0.1-µF capacitors are adequate. For details and a layout example, see Section 8.4.
The OPAx186 is part of a family of zero-drift, MUX-friendly, rail-to-rail output operational amplifiers. This device
operates from 4.5 V to 24 V, is unity-gain stable, and is designed for a wide range of general-purpose
and precision applications. The zero-drift architecture provides ultra-low input offset voltage and near-zero
input offset voltage drift over temperature and time. This choice of architecture also offers outstanding ac
performance, such as ultra-low broadband noise, zero flicker noise, and outstanding distortion performance
when operating at less than the chopper frequency.
The following section shows a representation of the proprietary OPAx186 architecture.
7.2 Functional Block Diagram
+IN
±IN
CHOP1
CHOP2
Notch
Filter
GM2
GM3
OUT
GM_FF
GM1
C1
C2
24-V
Differential
Front End
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com