Electronic Components Datasheet Search
  English  ▼

X  

OPA863DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA863DBVR
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA863DBVR Datasheet HTML 9Page - Texas Instruments OPA863DBVR Datasheet HTML 10Page - Texas Instruments OPA863DBVR Datasheet HTML 11Page - Texas Instruments OPA863DBVR Datasheet HTML 12Page - Texas Instruments OPA863DBVR Datasheet HTML 13Page - Texas Instruments OPA863DBVR Datasheet HTML 14Page - Texas Instruments OPA863DBVR Datasheet HTML 15Page - Texas Instruments OPA863DBVR Datasheet HTML 16Page - Texas Instruments OPA863DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
7.9 Typical Characteristics: VS = 10 V
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA
≅ 25°C (unless otherwise noted)
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
G = 1 V/V
G = -1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VOUT = 20 mVPP
Figure 7-1. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
RL = 2 k
RL = 500 
VOUT = 20 mVPP
Figure 7-2. Small-Signal Frequency Response vs Output Load
Frequency (Hz)
-9
-6
-3
0
3
6
1M
10M
100M
No CL
CL = 2.2 pF
CL =4.7 pF
CL = 10 pF, Rs = 200 
CL = 10 pF, G = 2 V/V
VOUT = 20 mVPP
Figure 7-3. Frequency Response vs Load Capacitance
Frequency (Hz)
-1
-0.5
0
0.5
1
100k
1M
10M
100M
G = 1 V/V
G = 2 V/V
VOUT = 20 mVPP
Figure 7-4. Small-Signal Response Flatness vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
6
1M
10M
100M
TA = 25°C
TA = 125°C
TA = −45 °C
VOUT = 20 mVPP
Figure 7-5. Frequency Response vs Ambient Temperature
Frequency (Hz)
-9
-6
-3
0
3
100k
1M
10M
100M
VOUT = 20 mVPP
VOUT = 200 mVPP
VOUT = 500 mVPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
VOUT = 8 VPP
.
Figure 7-6. Frequency Response vs Output Voltage
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982I – JUNE 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com