Electronic Components Datasheet Search
  English  ▼

X  

OPA863DBVR Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA863DBVR
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863DBVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA863DBVR Datasheet HTML 23Page - Texas Instruments OPA863DBVR Datasheet HTML 24Page - Texas Instruments OPA863DBVR Datasheet HTML 25Page - Texas Instruments OPA863DBVR Datasheet HTML 26Page - Texas Instruments OPA863DBVR Datasheet HTML 27Page - Texas Instruments OPA863DBVR Datasheet HTML 28Page - Texas Instruments OPA863DBVR Datasheet HTML 29Page - Texas Instruments OPA863DBVR Datasheet HTML 30Page - Texas Instruments OPA863DBVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
9.4 Low-Power SAR ADC Driver and Reference Buffer
Figure 9-4 shows the use of the OPAx863 devices as a SAR ADC input driver and reference buffer driving the
ADS7945. Sensors, which are used for interface with the physical environment, exhibit high output impedance
and cannot drive SAR ADC inputs directly. A wide-GBW amplifier like the OPAx863 devices are needed to
charge the switching capacitors at the SAR ADC input and to settle fast to the required accuracy within the
given acquisition time. The ADC core draws transient current from the reference input during the conversion
(digitization) phase, which needs to be driven with a wide-GBW amplifier to offer fast settling and maintain a
stable reference voltage for superior digitization performance. The OPAx863 devices reference buffer is used in
a composite loop with the OPA378 precision amplifier due to limitations in precision performance of wide-GBW
amplifiers. The precision amplifier maintains low-offset output, whereas the OPAx863 devices provide the output
drive and fast-settling performance.
ADS7945
14-bit
2 MSPS
R
S
+
–
6 V
AVDD
DVDD
5 V
5 V
OPAx863
+
–
C
CB
6 V
OPAx863
VREF
R
FILT
C
FILT
+
–
5 V
OPA378
REF5050
5.0 V
Reference
12 V
R
F
R
G
Z
OUT
Sensor
Figure 9-4. OPAx863 as Low-Power SAR ADC Driver
9.5 Variable Reference Generator Using MDAC
High-speed amplifiers may be used as a voltage buffer at MDAC output to generate a fast settling variable
reference voltage. Figure 9-5 shows a representative circuit using DAC8801 and OPAx863.
DAC8801
+
–
I
OUT
R
FB
V
REF
V
DD
+6 V
6 V
OPAx863
V
OUT
Figure 9-5. Variable Reference Generator Using MDAC and OPAx863
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982I – JUNE 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com