Electronic Components Datasheet Search
  English  ▼

X  

APW7063 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration APW7063 Datasheet HTML 10Page - Anpec Electronics Coropration APW7063 Datasheet HTML 11Page - Anpec Electronics Coropration APW7063 Datasheet HTML 12Page - Anpec Electronics Coropration APW7063 Datasheet HTML 13Page - Anpec Electronics Coropration APW7063 Datasheet HTML 14Page - Anpec Electronics Coropration APW7063 Datasheet HTML 15Page - Anpec Electronics Coropration APW7063 Datasheet HTML 16Page - Anpec Electronics Coropration APW7063 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.7 - Nov., 2005
APW7063
www.anpec.com.tw
13
5.5
5.75
6
6.25
6.5
0
5
10
15
20
0.79
0.792
0.794
0.796
0.798
0.8
-40
-20
0
20
40
60
80
100 120
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
4
4.5
5
5.5
6
0
2
4
6
8
10
12
14
16
18
Typical Characteristics (Cont.)
Supply Voltage (V)
Load Current (mA)
VREG Voltage vs. Supply Voltage
VREG Voltage vs. Load Current
Supply Voltage (V)
Temperature (
°C)
Supply Current vs. Supply Voltage
Reference Voltage vs. Temperature
VCC=12V
ICC
ICC(SHDN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com