Electronic Components Datasheet Search
  English  ▼

X  

APW7063 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 2Page - Anpec Electronics Coropration APW7063 Datasheet HTML 3Page - Anpec Electronics Coropration APW7063 Datasheet HTML 4Page - Anpec Electronics Coropration APW7063 Datasheet HTML 5Page - Anpec Electronics Coropration APW7063 Datasheet HTML 6Page - Anpec Electronics Coropration APW7063 Datasheet HTML 7Page - Anpec Electronics Coropration APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration APW7063 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.7 - Nov., 2005
APW7063
www.anpec.com.tw
6
VREG (Pin 3)
An internal regulator will s upply 6V for boost voltage,
a 1uF capacitor to GND is recommended for stability.
If the VREG voltage has variation by other interference,
the IC can not work normally. W hen the VCC< 8V,
don’t use the VREG for BOOST voltage.
FB (Pin 4)
FB pin is the inverting input of the error amplifier, and it
receives the feedback voltage from an external resistive
divider across the output (V
OUT). The output voltage is
determined by :
Functional Pin Description
RT (Pin 1)
This pin can adjust the switching frequency. Connect
a resistor from RT to VCC for decreasing the switching
frequency, Conversely, connect a resistor from RT to
GND for increasing the s witc hing frequency (see
Ty pical Characteristics).
SS (Pin 2)
Connect a capacitor from this pin t o GND to set the
soft -start interval of t he converter. An internal 10
µA
current source charges this capacitor to 5.2V. The SS
voltage clamps the reference voltage to the SS voltage,
and Figure1 shows the soft-start interval. At t0, the
internal sourc e current starts to charge the capacitor
and the internal 0.8V reference also starts to rise and
follows the SS. Until the internal reference reaches to
0.8V at t2, the soft-st art interval is completed. This
method provides a rapid and controlled output voltage
ris e. The way of the Soft-Start of the output 2 is the
same as the output1, but it starts from the SS at 2.2V
to 3.0V. The A PW 7063 als o provides t he int ernal
S oft-S tart whic h is fix ed to 2ms (t 0 t o t 1). If the
ex ternal Soft-Start interval is slower than the internal
S oft -S t art int erval (CSS< 0. 025uF) or no ex ternal
capacitor, the Soft-S tart will follow t he internal Soft-
St art.


+
×
=
GND
OUT
OUT
R
R
1
0.8V
V
where ROUT is the resistor connected from V
OUT to FB,
and RGND is the resistor connected from FB to GND.
When the FB voltage is under 50% Vref, it will cause
the under voltage protection, and shutdown the device.
Remove the condition and restart the V CC voltage or
pull the COMP from low to high once, will enable the
device again.
TIME
VOLTAGE
t1
t2
t0
VSOFT START
VOUT2
t3
V OUT1
FB
FBL
Figure 1. Soft-Start Interval
Where:
CSS = external Soft-Start capacitor
ISS = Soft-Start current = 10
µA
t2 =
TSoft-Start = t1 - t0 =
0.8V
I
C
SS
SS
×
t3 = t2 +
0.8V
I
C
SS
SS
×
V
2.2
I
C
SS
SS ×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com