Electronic Components Datasheet Search
  English  ▼

X  

APW7065 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7065
Description  Synchronous Buck PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration APW7065 Datasheet HTML 10Page - Anpec Electronics Coropration APW7065 Datasheet HTML 11Page - Anpec Electronics Coropration APW7065 Datasheet HTML 12Page - Anpec Electronics Coropration APW7065 Datasheet HTML 13Page - Anpec Electronics Coropration APW7065 Datasheet HTML 14Page - Anpec Electronics Coropration APW7065 Datasheet HTML 15Page - Anpec Electronics Coropration APW7065 Datasheet HTML 16Page - Anpec Electronics Coropration APW7065 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7065
www.anpec.com.tw
13
to factor in the temperature dependency of the R
DS(ON)
and can be extracted from the “R
DS(ON) vs Temperature”
curve of the power MOSFET.
PWM Compensation
The output LC filter of a step down converter introduces
a double pole, which contributes with -40dB/decade
gain slope and 180 degrees phase shift in the control
loop. A compensation network among COMP, FB and
V
OUT should be added. The compensation network is
shown in Fig. 6. The output LC filter consists of the
output inductor and output capacitors. The transfer
function of the LC filter is given by:
Application Information (Cont.)
MOSFET Selection (Cont.)
The poles and zero of this transfer functions are:
OUT
LC
C
L
2
1
F
×
×
π
×
=
OUT
ESR
C
ESR
2
1
F
×
×
π
×
=
The F
LC is the double poles of the LC filter, and FESR is
the zero introduced by the ESR of the output capacitor.
PHASE
L
OUTPUT
COUT
ESR
Figure 3. The Output LC Filter
FLC
FESR
-40dB/dec
-20dB/dec
Frequency(Hz)
The PWM modulator is shown in Figure 5. The input
is the output of the error amplifier and the output is the
PHASE node. The transfer function of the PWM
modulator is given by:
Figure 5. The PWM Modulator
Output of
Error Amplifier
ΔVOSC
PWM
Comparator
Driver
Driver
PHASE
VIN
OSC
The compensation network is shown in Figure 6. It
provides a close loop transfer function with the highest
zero crossover frequency and sufficient phase margin.
The transfer function of error amplifier is given by:
+
+
=
=
sC3
1
R3
R1//
sC2
1
R2
//
sC1
1
V
V
GAIN
OUT
COMP
AMP
OSC
IN
PWM
V
V
GAIN
∆
=
1
C
ESR
s
C
L
s
C
ESR
s
1
GAIN
OUT
OUT
2
OUT
LC
+
×
×
+
×
×
×
×
+
=
Figure 4. The LC Filter GAIN and Frequency
(
)
×
+
×
×
×
+
+


×
+
+
×
×
+
×
×
×
+
=
C3
R3
1
s
C2
C1
R2
C2
C1
s
s
C3
R3
R1
1
s
C2
R2
1
s
C1
R3
R1
R3
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com