Electronic Components Datasheet Search
  English  ▼

X  

APW7065 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7065
Description  Synchronous Buck PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7065 Datasheet HTML 2Page - Anpec Electronics Coropration APW7065 Datasheet HTML 3Page - Anpec Electronics Coropration APW7065 Datasheet HTML 4Page - Anpec Electronics Coropration APW7065 Datasheet HTML 5Page - Anpec Electronics Coropration APW7065 Datasheet HTML 6Page - Anpec Electronics Coropration APW7065 Datasheet HTML 7Page - Anpec Electronics Coropration APW7065 Datasheet HTML 8Page - Anpec Electronics Coropration APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration APW7065 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7065
www.anpec.com.tw
6
Functional Pin Description (Cont.)
VCC (Pin 5)
Connect this pin to a 12V supply voltage. This pin
provides bias supply for the control circuitry and the
low-side MOSFET driver. The voltage at this pin is
monitored for the Power-On Reset (POR) purpose. It
is recommended that a decoupling capacitor (1 to
10uF) be connected to GND for noise decoupling.
FB (Pin 6)
This pin is the inverting input of the internal error
amplifier. Connect this pin to the output (V
OUT) of the
converter via an external resistor divider for closed-
loop operation. The output voltage set by the resistor
divider is determined using the following formula :
where R1 is the resistor connected from V
OUT to FB ,
and R2 is the resistor connected from FB to GND. The
FB pin is also monitored for under voltage events.
COMP (Pin 7)
This pin is the output of PWM error amplifier. It is used
to set the compensation components. In addition, if
the pin is pulled below 1.2V, it will disable the device.
PHASE (Pin 8)
This pin is the return path for the upper gate driver.
Connect this pin to the upper MOSFET source. This
pin is also used to monitor the voltage drop across the
MOSFET for over-current protection.
Typical Characteristics
Power On
Power Off
CH1
CH2
CH3
CH1
CH2
CH3
CH4
CH4
 +
×
=
R2
R1
1
0.8
V
OUT
VCC=12V, Vin=12V
Vo=1.2V, L=1uH
VCC=12V, Vin=12V
Vo=1.2V, L=1uH
CH1: VCC (5V/div)
CH2: VFB (1V/div)
CH3: Vo (1V/div)
CH4: Ug (20/Vdiv)
Time: 10ms/div
CH1: VCC (5V/div)
CH2: VFB (1V/div)
CH3: Vo (1V/div)
CH4: Ug (20/Vdiv)
Time: 10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com