Electronic Components Datasheet Search
  English  ▼

X  

TLV365 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV365
Description  TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV365 Datasheet HTML 9Page - Texas Instruments TLV365 Datasheet HTML 10Page - Texas Instruments TLV365 Datasheet HTML 11Page - Texas Instruments TLV365 Datasheet HTML 12Page - Texas Instruments TLV365 Datasheet HTML 13Page - Texas Instruments TLV365 Datasheet HTML 14Page - Texas Instruments TLV365 Datasheet HTML 15Page - Texas Instruments TLV365 Datasheet HTML 16Page - Texas Instruments TLV365 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
V
OUT
RP = 10kΩ
500µA
TLV365
V
IN
V+ = +5V
Op Amps
Negative
Supply
Grounded
−V = −5V
(Additional
Negative Supply)
Figure 7-6. Swing-to-Ground
Output Voltage (V)
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
−20m
−15m
−10m
−5m
0
5m
10m
15m
20m
VS = ±2.75 V
Figure 7-7. Offset Voltage vs Output Swing
7.3.5 Active Filtering
The TLVx365 is well-suited for active filter applications requiring a wide bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 7-8 shows a 500-kHz, second-order, low-pass filter utilizing the
multiple-feedback (MFB) topology. The components have been selected to provide a maximally-flat Butterworth
response. Beyond the cutoff frequency, roll-off is −40 dB/dec. The Butterworth response is ideal for applications
requiring predictable gain characteristics such as the anti-aliasing filter used ahead of an ADC.
C
1
1nF
C
2
150pF
R
3
549Ω
R
1
549Ω
R
2
1.24kΩ
V+
V
OUT
V
IN
V−
TLV365
Figure 7-8. Second-Order Butterworth, 500-kHz Low-Pass Filter
When considering the MFB filter , the output is inverted, relative to the input. If this inversion is not desired, then
a noninverting output can be achieved through one of these options:
• adding an inverting amplifier;
• adding an additional second-order MFB stage; or
• using a noninverting filter topology such as the Sallen-Key.
Figure 7-9 shows the Sallen-Key topology.
V
OUT
V
IN = 1VRMS
TLV365
R
3
150kΩ
R
2
19.5kΩ
C
3
220pF
R
1
1.8kΩ
C
1
3.3nF
C
2
47pF
Figure 7-9. Configured as a Three-Pole, 20-kHz, Sallen-Key Filter
www.ti.com
TLV365
SBOSAA8 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com