Electronic Components Datasheet Search
  English  ▼

X  

TLV365 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV365
Description  TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV365 Datasheet HTML 12Page - Texas Instruments TLV365 Datasheet HTML 13Page - Texas Instruments TLV365 Datasheet HTML 14Page - Texas Instruments TLV365 Datasheet HTML 15Page - Texas Instruments TLV365 Datasheet HTML 16Page - Texas Instruments TLV365 Datasheet HTML 17Page - Texas Instruments TLV365 Datasheet HTML 18Page - Texas Instruments TLV365 Datasheet HTML 19Page - Texas Instruments TLV365 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
8.1.2 ADC Driver and Reference Buffer
Figure 8-3 shows the use of a TLVx365 op amp as a SAR ADC input and reference pin driver. Sensors, which
are used for interfacing with the physical environment, exhibit high output impedance and cannot drive SAR ADC
inputs directly. TLVx365 exhibits a very low-input bias current of 20 pA (maximum), hence does not load these
high-output impedance sensors. A wide-GBW amplifier connected to the output of these sensor is needed to
charge the switching capacitors at the SAR ADC input and to settle fast, to the required accuracy, within the
given acquisition time.
The ADC core draws transient current from the reference input during the conversion (digitization) phase, which
needs to be driven with a wide-GBW amplifier to offer fast settling and maintain a stable reference voltage for
superior digitization performance. The TLVx365 devices reference buffer is used in a composite loop with the
OPA378 precision amplifier due to limitations in precision performance of wide-GBW amplifiers. The precision
amplifier maintains low-offset output, whereas the TLVx365 devices provide the output drive and fast-settling
performance.
ADS7945
14-bit
2 MSPS
R
S
+
–
5V
AVDD
DVDD
5V
5V
TLVx365
+
–
C
CB
5V
TLVx365
VREF
R
FILT
C
FILT
+
–
5V
OPA378
Reference
5V
R
F
R
G
Z
OUT
Sensor
Figure 8-3. TLVx365 as a SAR ADC Driver
8.1.3 Overdrive Recovery Performance
The TLVx365 family exhibits expectional overdrive recovery when the output is driven well beyond V+ or V–
supplies. When configured in a low-side current sensing configuration as shown in Figure 8-4, the output of the
opamp (TLVx365) if often driven to or below GND due to the groundbounce at the power GND or due to the ≤ 0
A current being measured across shunt resistance RSH. TLVx365 shows the ability to recover from an overdrive
event in < 100 ns. Figure 8-5 shows the comparison of the overdrive recovery performance of TLVx365 and
other popular opamps in the same catergory.
+
–
1 k
1 k
10 k
10 k
RSH
Switching
Circuit
ISH
VOUT
3.3V
DUT
ADS7056
+
–
3.3V
TLV3201
VTH
MCU
Interrupt
Digital I/O
300V
3.3V
GND
Figure 8-4. Low Side Current Sensing Application
Circuit
Time (200 ns/div)
-1
0
1
2
3
4
5
OPA365
OPA836
OPA607
TLV365
Gain = 10 V/V. VOUT driven to (V–) – 1V.
Figure 8-5. TLVx365 Overdrive Recovery
TLV365
SBOSAA8 – DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com