Electronic Components Datasheet Search
  English  ▼

X  

RW Datasheet(PDF) 1 Page - C&K Components

Part # RW
Description  Sub-miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RW Datasheet(HTML) 1 Page - C&K Components

  RW Datasheet HTML 1Page - C&K Components RW Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
7
C
8
1
5
4
C
3
2
2- ø 0.80
2- ø1.20
1.50
180˚
SCHEMATIC
OFF
C-7
C-8
OFF
0˚
C-3
C-6
C-5
C-4
C-2
C-1
OFF
ON
OFF
OFF
OFF
ON
90˚
OFF
ON
ON
45˚
OFF
135˚
2-ø 0.90
PIERCING PLAN
7.60
11.00
14.80
OFF
ON
OFF
ON
360˚
OFF
ON
ON
OFF
OFF
OFF
270˚
225˚
OFF
ON
315˚
2- ø 1.30
11.00
13.50
12.00
7.60
5.00
1.50
0.70
2- ø 0.40
2- ø 0.80
7.60
9.00
10.00
ø 3.00
C0.5
0.1
1.35
1
0.5
4
3.45
ø 330
P
0.5
TYP.3
120°
ø 3.25
ø 5.5
P DETAIL 1:1
CARRIER TAPE
24.5
5
2
3
4
1
7
6
øº30
3
8
7
6
C
4
5
C
12
K
K–28
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
RW Series
Sub-miniature Rotary Switches
Features/Benefits
• 8 and 10 positions
• SMT version
• Subminiature design
Typical Applications
• Digital cameras
• Audio & visual equipment
• Consumer electronics
• Selector dial interface
Specifications
CONTACT ARRANGEMENT: 1 Pole 8 Position
CONTACT RATING: 0.1 A @ 16 V DC.
ELECTRICAL LIFE: 10,000 cycles.
INITIAL CONTACT RESISTANCE: 100 mΩ max.
INSULATION RESISTANCE: 10M Ω min.
DIELECTRIC STRENGTH: 100V (50-60 Hz).
TWIST FORCE: 150 ± 100 gf
OPERATING TEMPERATURE: -20ºC to 70ºC
Materials
KNOB: PA (UL 94V-0).
COVER: SUS
HOUSING: PA (UL94V-0)
TERMINAL: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
PACKAGING
RW-108 NS RT
800 pieces
per reel
How To Order
Part number list is shown below. For individual part details, please refer to the following pages.
Part Number
(Part Description)
Product Details
RW-108 NS RT
8 Position Subminiature Rotary Switch
RW-1106-NS RT
10 Position Subminiature Rotary Switch
16 Mar 22


Similar Description - RW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
Miniature ROTA-SLIDE짰 Rotary Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
Hyper-Miniature Dip Rotary Switches
MRB COPAL-MRB Datasheet
391Kb / 2P
Super-Miniature Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
MR-STEP36 COPAL-MR-STEP36 Datasheet
567Kb / 3P
Miniature Rotary Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com