Electronic Components Datasheet Search
  English  ▼

X  

RW Datasheet(PDF) 2 Page - C&K Components

Part # RW
Description  Sub-miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RW Datasheet(HTML) 2 Page - C&K Components

  RW Datasheet HTML 1Page - C&K Components RW Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.95(x4)
1.25(x4)
2.65
2.65±0.1
6.00±0.2
4.8
1.00(x14)
Circuit Diagram
36°
5.6
CMX
CMX
CMX
CMX
4
0.3
2 4
8
1.5
2.4
Ø13.5
R1
ø 90.0
ø 330.0
ø 110.0
Ø2.60+0.050
Ø2.40+0.050
OFF
OFF
OFF
ON
ON
ON
ON
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
ON
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
P.C.B Land dimension
±Í«©
K
Specifications
CONTACT ARRANGEMENT: 1 Pole, 10 Position
CONTACT RATING: 10 mA @ 5 V DC.
ELECTRICAL LIFE: 7,000 cycles.
INITIAL CONTACT RESISTANCE: 200 mΩ max.
INSULATION RESISTANCE: 250M Ω min.
DIELECTRIC STRENGTH: 250 VAC (50-60 Hz).
TWIST FORCE: 90 ± 15 gf
OPERATING TEMPERATURE: -30ºC to 80ºC
Materials
KNOB: PA (UL 94V-0).
COVER: Silver plated.
HOUSING: LCP (UL94V-0)
TERMINAL: Silver plated.
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
PACKAGING
RW-1106-NS RT
2,000 pieces
per reel
RW Series
Sub-miniature Rotary Switches
K–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
16 Mar 22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com