Electronic Components Datasheet Search
  English  ▼

X  

S3DA Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # S3DA
Description  SURFACE GENERAL PURPOSE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S3DA Datasheet(HTML) 1 Page - Pan Jit International Inc.

  S3DA Datasheet HTML 1Page - Pan Jit International Inc. S3DA Datasheet HTML 2Page - Pan Jit International Inc. S3DA Datasheet HTML 3Page - Pan Jit International Inc. S3DA Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS3DA SERIES
May 3,2018-REV.01
Page 1
SURFACE GENERAL PURPOSE RECTIFIER
Voltage
200~1000 V
Current
3 A
SMB
Unit: inch(mm)
Features
 Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
 For surface mounted applications in order to optimize board space
 Easy pick and place
 Glass passivated junction
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: SMB package
 Terminals: solder plated, solderable per MIL-STD-750,Method 2026
 Weight: 0.0032 ounces, 0.092 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on a FR4 PCB, single-sided copper, with 100cm
2 copper pad area
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
S3DA
S3GA
S3JA
S3KA
S3MA
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum rms voltage
VRMS
140
280
420
560
700
V
Maximum dc blocking voltage
VR
200
400
600
800
1000
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current : 8.3ms single half
sine-wave superimposed on rated load
IFSM
200
A
Maximum forward voltage at 3A
VF
1.1
V
Maximum dc reverse current at rated dc
blocking voltage
IR
1
A
Typical junction capacitance
Measured at 1MHz and applied VR=4V
CJ
35
pF
Typical thermal resistance
(Note 1)
(Note 2)
(Note 2)
RθJA
RθJC
RθJL
135
11
14
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - S3DA

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
S3DA SAMYANG-S3DA Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
More results

Similar Description - S3DA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
Surface Mount General Purpose Rectifier
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
GT1MMA PANJIT-GT1MMA Datasheet
444Kb / 5P
Surface General Purpose Rectifier
April 17,2020 GT1MMA-REV.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com