Electronic Components Datasheet Search
  English  ▼

X  

S3DA Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # S3DA
Description  SURFACE GENERAL PURPOSE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S3DA Datasheet(HTML) 3 Page - Pan Jit International Inc.

  S3DA Datasheet HTML 1Page - Pan Jit International Inc. S3DA Datasheet HTML 2Page - Pan Jit International Inc. S3DA Datasheet HTML 3Page - Pan Jit International Inc. S3DA Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS3DA SERIES
May 3,2018-REV.01
Page 3
Part No Packing Code Version
Part No Packing Code
Package Type
Packing Type
Marking
Version
S3DA_R1_00001
SMB
0.8K pcs / 7
” reel
S3DA
Halogen free
S3DA_R2_00001
SMB
3K pcs / 13
” reel
S3DA
Halogen free
S3GA_R1_00001
SMB
0.8K pcs / 7
” reel
S3GA
Halogen free
S3GA_R2_00001
SMB
3K pcs / 13
” reel
S3GA
Halogen free
S3JA_R1_00001
SMB
0.8K pcs / 7
” reel
S3JA
Halogen free
S3JA_R2_00001
SMB
3K pcs / 13
” reel
S3JA
Halogen free
S3KA_R1_00001
SMB
0.8K pcs / 7
” reel
S3KA
Halogen free
S3KA_R2_00001
SMB
3K pcs / 13
” reel
S3KA
Halogen free
S3MA_R1_00001
SMB
0.8K pcs / 7
” reel
S3MA
Halogen free
S3MA_R2_00001
SMB
3K pcs / 13
” reel
S3MA
Halogen free
Mounting Pad Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com