Electronic Components Datasheet Search
  English  ▼

X  

P89LPC952FBD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89LPC952FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 7Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 8Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 9Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 10Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 11Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 12Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 13Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 14Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
11 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
P3.1/XTAL1
11
5
I/O
P3.1 — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator
circuits (when selected via the flash configuration). It can be a port pin if
internal RC oscillator or watchdog oscillator is used as the CPU clock
source, and if XTAL1/XTAL2 are not used to generate the clock for the
RTC/system timer.
P4.0 to P4.7
I/O
Port 4: Port 4 is an 8-bit I/O port with a user-configurable output type.
During reset Port 4 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 4 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 7.13.1 “Port configurations”
and Table 10 “Static characteristics” for details.
All pins have Schmitt triggered inputs.
Port 4 also provides various special functions as described below:
P4.0
30
24
I/O
P4.0 — Port 4 bit 0.
P4.1/TRIG
29
23
I/O
P4.1 — Port 4 bit 1.
O
TRIG — JTAG trigger output.
P4.2/TXD1
28
22
I/O
P4.2 — Port 4 bit 2.
O
TXD1 — Transmitter output for serial port 1.
P4.3/RXD1
27
21
I/O
P4.3 — Port 4 bit 3.
I
RXD1 — Receiver input for serial port 1.
P4.4
26
20
I/O
P4.4 — Port 4 bit 4.
P4.5/SDAT
25
19
I/O
P4.5 — Port 4 bit 5.
I/O
SDAT — Serial data input/output for JTAG interface.
P4.6
24
18
I/O
P4.6 — Port 4 bit 6.
P4.7/SCLK
23
17
I/O
P4.7 — Port 4 bit 7.
I
SCLK — Serial clock input for JTAG interface.
P5.0 to P5.7
I/O
Port 5: Port 5 is an 8-bit I/O port with a user-configurable output type.
During reset Port 5 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 5 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 7.13.1 “Port configurations”
and Table 10 “Static characteristics” for details.
All pins have Schmitt triggered inputs.
Port 5 also provides various special functions as described below:
P5.0
21
15
I/O
P5.0 — Port 5 bit 0.
P5.1
20
14
I/O
P5.1 — Port 5 bit 1.
P5.2
19
13
I/O
P5.2 — Port 5 bit 2.
P5.3
18
12
I/O
P5.3 — Port 5 bit 3.
P5.4
17
11
I/O
P5.4 — Port 5 bit 4.
P5.5
16
10
I/O
P5.5 — Port 5 bit 5.
P5.6
15
9
I/O
P5.6 — Port 5 bit 6.
P5.7
14
8
I/O
P5.7 — Port 5 bit 7.
VSS
22
16
I
Ground: 0 V reference.
Table 3:
Pin description …continued
Symbol
Pin
Type Description
PLCC44
LQFP44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com