Electronic Components Datasheet Search
  English  ▼

X  

P89LPC952FBD Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC952FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 25Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 26Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 27Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 28Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 29Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 30Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 31Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 32Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
29 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
7.14.1 Brownout detection
The brownout detect function determines if the power supply voltage drops below a
certain level. The default operation is for a brownout detection to cause a processor reset,
however it may alternatively be configured to generate an interrupt.
Brownout detection may be enabled or disabled in software.
If brownout detection is enabled the brownout condition occurs when VDD falls below the
brownout trip voltage, Vbo (see Table 10 “Static characteristics”), and is negated when VDD
rises above Vbo. If the P89LPC952 device is to operate with a power supply that can be
below 2.7 V, BOE should be left in the unprogrammed state so that the device can operate
at 2.4 V, otherwise continuous brownout reset may prevent the device from operating.
For correct activation of brownout detect, the VDD rise and fall times must be observed.
Please see Table 10 “Static characteristics” for specifications.
7.14.2 Power-on detection
The Power-on detect has a function similar to the brownout detect, but is designed to work
as power comes up initially, before the power supply voltage reaches a level where
brownout detect can work. The POF flag in the RSTSRC register is set to indicate an
initial power-up condition. The POF flag will remain set until cleared by software.
7.15 Power reduction modes
The P89LPC952 supports three different power reduction modes. These modes are Idle
mode, Power-down mode, and total Power-down mode.
7.15.1 Idle mode
Idle mode leaves peripherals running in order to allow them to activate the processor
when an interrupt is generated. Any enabled interrupt source or reset may terminate Idle
mode.
7.15.2 Power-down mode
The Power-down mode stops the oscillator in order to minimize power consumption. The
P89LPC952 exits Power-down mode via any reset, or certain interrupts. In Power-down
mode, the power supply voltage may be reduced to the data retention voltage VDDR. This
retains the RAM contents at the point where Power-down mode was entered. SFR
contents are not guaranteed after VDD has been lowered to VDDR, therefore it is highly
recommended to wake-up the processor via reset in this case. VDD must be raised to
within the operating range before the Power-down mode is exited.
Some chip functions continue to operate and draw power during Power-down mode,
increasing the total power used during power-down. These include: Brownout detect,
watchdog timer, comparators (note that comparators can be powered down separately),
and RTC/system timer. The internal RC oscillator is disabled unless both the RC oscillator
has been selected as the system clock and the RTC is enabled.
7.15.3 Total Power-down mode
This is the same as Power-down mode except that the brownout detection circuitry and
the voltage comparators are also disabled to conserve additional power. The internal RC
oscillator is disabled unless both the RC oscillator has been selected as the system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com