Electronic Components Datasheet Search
  English  ▼

X  

AP3015 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3015
Description  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3015 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3015 Datasheet HTML 1Page - Diodes Incorporated AP3015 Datasheet HTML 2Page - Diodes Incorporated AP3015 Datasheet HTML 3Page - Diodes Incorporated AP3015 Datasheet HTML 4Page - Diodes Incorporated AP3015 Datasheet HTML 5Page - Diodes Incorporated AP3015 Datasheet HTML 6Page - Diodes Incorporated AP3015 Datasheet HTML 7Page - Diodes Incorporated AP3015 Datasheet HTML 8Page - Diodes Incorporated AP3015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
5
May 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
(VIN=VSHDN=1.2V, TA=25oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
AP3015
1.2
12
V
AP3015A
1.0
12
Quiescent Current
IQ
Not Switching
17
30
µA
VSHDN =0V
1
Feedback Voltage
VFB
1.205
1.23
1.255
V
FB Comparator Hysteresis
VFBH
8mV
FB Pin Bias Current
IFB
VFB=1.23V
30
80
nA
Output Voltage Line Regulation
LNR
1.2V
<VIN<12V
0.05
0.1
%/V
Switching Current Limit
IL
AP3015
300
350
400
mA
AP3015A
75
100
125
Switch Saturation Voltage
VCESAT
AP3015, ISW=300mA
200
300
mV
AP3015A, ISW=70mA
70
120
Switch Off Time
TOFF
VFB>1V
400
nS
VFB<0.6V
1.5
µS
SHDN Input Threshold High
VTH
0.9
V
SHDN Input Threshold Low
VTL
0.25
SHDN Pin Current
ISHDN
VSHDN =1.2V
2
3
µA
VSHDN =5V
8
12
Switch Leakage Current
ISWL
Switch Off, VSW=5V
0.01
5
µA
Thermal Resistance
(Junction to Case)
θJC
52
oC/W
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com