Electronic Components Datasheet Search
  English  ▼

X  

AP3015 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3015
Description  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3015 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3015 Datasheet HTML 3Page - Diodes Incorporated AP3015 Datasheet HTML 4Page - Diodes Incorporated AP3015 Datasheet HTML 5Page - Diodes Incorporated AP3015 Datasheet HTML 6Page - Diodes Incorporated AP3015 Datasheet HTML 7Page - Diodes Incorporated AP3015 Datasheet HTML 8Page - Diodes Incorporated AP3015 Datasheet HTML 9Page - Diodes Incorporated AP3015 Datasheet HTML 10Page - Diodes Incorporated AP3015 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
7
May 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 9. Switch Current Limit vs. Junction Temperature
Typical Performance Characteristics (Continued)
Figure 10. Saturation Voltage vs. Junction Temperature Figure 11. Saturation Voltage vs. Junction Temperature
Figure 8. Switch Current Limit vs. Junction Temperature
Unless otherwise noted, VIN=1.2V
-50
-25
0
25
50
75
100
40
44
48
52
56
60
64
68
72
76
80
Junction Temperature (
OC)
AP3015A, I
SWITCH=70mA
V
IN=1.2V
V
IN=12V
-50
-25
0
25
50
75
100
200
250
300
350
400
450
500
Junction Temperature (
OC)
AP3015
V
IN=1.2V
V
IN=12V
-50
-25
0
25
50
75
100
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
112
114
116
118
120
Junction Temperature (
OC)
AP3015A
V
IN=1.2V
V
IN=12V
-50
-25
0
25
50
75
100
150
160
170
180
190
200
210
220
230
240
250
Junction Temperature (
OC)
AP3015, I
SWITCH=300mA
V
IN=1.2V
V
IN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com