Electronic Components Datasheet Search
  English  ▼

X  

AP1603 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1603 Datasheet HTML 1Page - Diodes Incorporated AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1603
Document number: DS31131 Rev. 4 - 2
6 of 8
www.diodes.com
February 2014
© Diodes Incorporated
AP1603
Function Description
General Description
AP1603 PFM (Pulse Frequency Modulation) converter IC series combine a switch mode converter, power MOSFET, and precision voltage
reference in a single monolithic device. They offer both extreme low quiescent current, high efficiency, and very low gate threshold voltage to
ensure start-up with low battery voltage (0.9V typ.). Designed to maximize battery life in portable products, and minimize switching losses by only
switching as needed to service the load. PFM converters transfer a discrete amount of energy per cycle and regulate the output voltage by
modulating switching frequency with the constant turn-on time. Switching frequency depends on the load, input voltage, and inductor value, and it
can range up to 150kHz. The SW on resistance is typically 1 to 1.5 W to minimize switch losses. When the output voltage drops, the error
comparator enables 150kHz oscillator that turns on the MOSFET around 7.5us and 2.5ms off time. Turning on the MOSFET allows inductor current
to ramp up, storing energy in a magnetic field and when MOSFET turns off that force inductor current through the diode to the output capacitor and
load. As the stored energy is depleted, the current ramp down until the diode turns off. At this point, inductor may ring due to residual energy and
stray capacitance. The output capacitor stores charge when current flow through the diode is high, and release it when the current flow is low,
thereby maintaining a steady voltage across the load. As the load increases, the output capacitor discharges faster and the error comparator
initiates cycles sooner, increasing the switching frequency. The maximum duty cycle ensures adequate time for energy transfer to output during the
second half of each cycle. Depending on the circuit, PFM converter can operate in either discontinuous mode or continuous conduction mode.
Continuous conduction mode means that the inductor current does not ramp to zero during each cycle.
Inductor Selection
To operate as an efficient energy transfer element, the inductor must fulfill three requirements. First, the inductance must be low enough for the
inductor to store adequate energy under the worst-case condition of minimum input voltage and switch ON time. Second, the inductance must also
be high enough so the maximum current rating of AP1603 and inductor are not exceeded at the other worst-case condition of maximum input
voltage and ON time. Lastly, the inductor must have sufficiently low DC resistance so excessive power is not lost as heat in the windings. But
unfortunately this is inversely related to physical size. Minimum and Maximum input voltage, output voltage and output current must be established
before an inductor can be selected.
Capacitor Selection
A poor choice for an output capacitor can result in poor efficiency and high output ripple. Ordinary aluminum electrolytic capacitors, while
inexpensive, may have unacceptably poor ESR and ESL. There is a low ESR aluminum capacitor for switch mode DC-DC converters which work
much better than the general purpose unit. Tantalum capacitors provide still better performance at more expense. OS-CON capacitors have
extremely low ESR in a small size. If capacitance is reduced, the output ripple will increase. Most of the input supply is supplied by the input bypass
capacitor. The capacitor voltage rating should be at least 1.25 times greater than a maximum input voltage.
Ordering Information
Part Number
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP1603WG-7
W
SOT26
3000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com