Electronic Components Datasheet Search
  English  ▼

X  

AP1603 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1603 Datasheet HTML 1Page - Diodes Incorporated AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1603
Document number: DS31131 Rev. 4 - 2
1 of 8
www.diodes.com
February 2014
© Diodes Incorporated
AP1603
STEP-UP DC-DC CONVERTER
Description
The AP1603 is a high efficiency step-up DC-DC converter for
applications using as few as a single NiMH or Li-Ion battery cells.
Only four external components are required to deliver a fixed output
voltage of 3.3V. The AP1603 starts up from less than 0.9V input with
1mA load. Pulse Frequency Modulation scheme brings optimized
performance for applications with light output loading and low input
voltages. The output ripple and noise are lower compared with the
circuits operating in PSM mode.
The PFM control circuit operating in 150kHz (max.) switching rate
results in smaller passive components. The space saving SOT26
packages make the AP1603 an ideal choice of DC-DC converter for
space conscious applications, like pagers, electronic cameras, and
wireless microphones.
Features
•
A Guaranteed Start-Up from less than 0.9 V
•
High Efficiency
•
Low Quiescent Current
•
Less Number of External Components needed
•
Low Ripple and Low Noise
•
Space Saving Lead Free Package: SOT26
•
Available in Green molding
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
2
3
74
6
LX
GND
OUT
REF
SOT26
AP1603
5
SHDN
FB
( Top View )
Applications
•
Pagers
•
Cameras
•
Wireless Microphones
•
Pocket Organizers
•
Battery Backup Suppliers
•
Portable Instruments
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
(1) VOUT = 5V
SHDN
LX
OUT
REF
0.1uF
22uH
47uF
+
47uF
+
V
IN
ON
OFF
Fixed Output
( 5V )
GND
1.1V to 5.5V
FB


Similar Part No. - AP1603

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1603 ANACHIP-AP1603 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev.1.0 Jun. 3, 2004
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
AP1603 DIODES-AP1603 Datasheet
188Kb / 10P
STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
AP1603 DIODES-AP1603 Datasheet
299Kb / 8P
STEP-UP DC-DC CONVERTER
Rev 4
logo
Anachip Corp
AP1603W ANACHIP-AP1603W Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev.1.0 Jun. 3, 2004
More results

Similar Description - AP1603

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_10 Datasheet
188Kb / 10P
STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com