Electronic Components Datasheet Search
  English  ▼

X  

TA1318AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA1318AF
Description  SYNC Processor, Frequency Counter IC for TV Component Signals
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA1318AF Datasheet HTML 9Page - Toshiba Semiconductor TA1318AF Datasheet HTML 10Page - Toshiba Semiconductor TA1318AF Datasheet HTML 11Page - Toshiba Semiconductor TA1318AF Datasheet HTML 12Page - Toshiba Semiconductor TA1318AF Datasheet HTML 13Page - Toshiba Semiconductor TA1318AF Datasheet HTML 14Page - Toshiba Semiconductor TA1318AF Datasheet HTML 15Page - Toshiba Semiconductor TA1318AF Datasheet HTML 16Page - Toshiba Semiconductor TA1318AF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TA1318AF
2003-02-19
13
Bus Control Map
Write Mode
Slave Address: D8/DA/DCH
Preset
Sub-Add
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
LSB
00
H-FREQUENCY
HD1/VD1-OUT SW
HD2/VD2-OUT SW
SEPA LEVEL
1000
0000
01
DAC1
DAC2
DAC3
TEST
HD1-INV
HD2-INV
1000
0000
02
V-FREQUENCY
CLP-PHS
FREQ DET SW
INPUT SW
1000
0000
03
HD PHASE
VD1-INV
VD2-INV
1000
0000
Read Mode
Slave Address: D9/DB/DDH
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
0
POR
V FREQUENCY DET
1
HD-IN
H FREQUENCY DET
Bus Control Functions
Write Mode (*: Preset)
•
H-FREQUENCY (Horizontal oscillation frequency)
Switches horizontal frequency.
(00): 15.75 kHz
(01): 31.5 kHz
*(10): 33.75 kHz
(11): 45 kHz
•
HD1/VD1-OUT SW (HD1/VD1 output switch)
Switches output from pin 16/28. When set to 00, 01, or 10, outputs HD/VD without synchronization.
When set to 11, outputs HD/VD from the sync circuit. (Note) Synchronized VD width will change, when
HD PHASE will be changed.
*(00): HD1/VD1
(01): HD2/VD2
(10): HD3/VD3
(11): Synchronized HD/VD
•
HD2/VD2-OUT SW (HD2/VD2 output switch)
Switches output from pin 19/29. When set to 00, 01, or 10, outputs HD/VD without synchronization.
When set to 11, outputs HD/VD from the sync circuit.
*(00): HD1/VD1
(01): HD2/VD2
(10): HD3/VD3
(11): Synchronized HD/VD
•
SEPA LEVEL (Sync separation level switch)
Switches sync separation level of pin 24/26. Set values are the levels from sync tip. Sync separation level
is changed according to the ratio of H-SYNC width during 1H period.
*(00): 10IRE
(01): 15IRE
(10): 20IRE
(11): 25IRE (at 1125I/60)
•
DAC1 (DAC1 control)
Controls 2-bit DAC (pin 12).
(00): 1 V
(01): 3 V
*(10): 5 V
(11): 7 V
•
DAC2 (DAC2 control)
Controls 2-bit DAC (pin 25).
*(00): 1 V
(01): 3 V
(10): 5 V
(11): 7 V
•
DAC3 (DAC3 control)
Controls open collector 1-bit DAC (pin 30).
*(0): OPEN (HIGH)
(1): ON (LOW)
•
TEST (Test mode)
Switches DAC1, 2, and 3 outputs. Also used to test IC for shipping.
*(0)
: DAC outputs are used as DAC.
(1): DAC1 outputs V. SYNC to the frequency counter.
DAC2 outputs H. SYNC or C. SYNC to the frequency counter.
DAC3 outputs IC test pulse for shipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com