Electronic Components Datasheet Search
  English  ▼

X  

TL2575-05IN Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575-05IN
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575-05IN Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL2575-05IN Datasheet HTML 8Page - Texas Instruments TL2575-05IN Datasheet HTML 9Page - Texas Instruments TL2575-05IN Datasheet HTML 10Page - Texas Instruments TL2575-05IN Datasheet HTML 11Page - Texas Instruments TL2575-05IN Datasheet HTML 12Page - Texas Instruments TL2575-05IN Datasheet HTML 13Page - Texas Instruments TL2575-05IN Datasheet HTML 14Page - Texas Instruments TL2575-05IN Datasheet HTML 15Page - Texas Instruments TL2575-05IN Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.ti.com
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
Adjustable version only
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100 125 150
TJ – Junction Temperature – °C
Adjustable version only
D
B
{
0 A
C
0 A
{
A
0 V
{
{
V
= 5 V
OUT
4 µs/Div
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638 – MAY 2006
TYPICAL CHARACTERISTICS (continued)
Figure 11. Minimum Operating Voltage
Figure 12. FEEDBACK Current
A.
Output pin voltage, 10 V/Div
B.
Output pin current, 1 A/Div
C.
Inductor current, 0.5 A/Div
D.
Ouput ripple voltage, 20 mV/Div
Figure 13. Switching Waveforms
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com