Electronic Components Datasheet Search
  English  ▼

X  

TL2575-05IN Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575-05IN
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575-05IN Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL2575-05IN Datasheet HTML 11Page - Texas Instruments TL2575-05IN Datasheet HTML 12Page - Texas Instruments TL2575-05IN Datasheet HTML 13Page - Texas Instruments TL2575-05IN Datasheet HTML 14Page - Texas Instruments TL2575-05IN Datasheet HTML 15Page - Texas Instruments TL2575-05IN Datasheet HTML 16Page - Texas Instruments TL2575-05IN Datasheet HTML 17Page - Texas Instruments TL2575-05IN Datasheet HTML 18Page - Texas Instruments TL2575-05IN Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
www.ti.com
Inductor
Output Voltage Ripple and Transients
Feedback Connection
ON/OFF Input
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638 – MAY 2006
APPLICATION INFORMATION (continued)
Proper inductor selection is key to the performance-switching power-supply designs. One important factor to
consider is whether the regulator is used in continuous mode (inductor current flows continuously and never
drops to zero) or in discontinuous mode (inductor current goes to zero during the normal switching cycle). Each
mode has distinctively different operating characteristics and, therefore, can affect the regulator performance
and requirements. In many applications, the continuous mode is the preferred mode of operation, since it offers
greater output power with lower peak currents, and also can result in lower output ripple voltage. The
advantages of continuous mode of operation come at the expense of a larger inductor required to keep inductor
current continuous, especially at low output currents and/or high input voltages.
The TL2575 and TL2575HV can operate in either continuous or discontinuous mode. With heavy load currents,
the inductor current flows continuously and the regulator operates in continuous mode. Under light load, the
inductor fully discharges and the regulator is forced into the discontinuous mode of operation. For light loads
(approximately 200 mA or less), this discontinuous mode of operation is perfectly acceptable and may be
desirable solely to keep the inductor value and size small. Any buck regulator eventually operates in
discontinuous mode when the load current is light enough.
The type of inductor chosen can have advantages and disadvantages. If high performance/quality is a concern,
then more-expensive toroid core inductors are the best choice, as the magnetic flux is contained completely
within the core, resulting in less EMI and noise in nearby sensitive circuits. Inexpensive bobbin core inductors,
however, generate more EMI as the open core does not confine the flux within the core. Multiple switching
regulators located in proximity to each other are particularly susceptible to mutual coupling of magnetic fluxes
from each other’s open cores. In these situations, closed magnetic structures (such as a toroid, pot core, or
E-core) are more appropriate.
Regardless of the type and value of inductor used, the inductor never should carry more than its rated current.
Doing so may cause the inductor to saturate, in which case the inductance quickly drops, and the inductor looks
like a low-value resistor (from the dc resistance of the windings). As a result, switching current rises dramatically
(until limited by the current-by-current limiting feature of the TL2575 and TL2575HV) and can result in
overheating of the inductor and the IC itself. Note that different types of inductors have different saturation
characteristics.
As with any switching power supply, the output of the TL2575 and TL2575HV have a sawtooth ripple voltage at
the switching frequency. Typically about 1% of the output voltage, this ripple is due mainly to the inductor
sawtooth ripple current and the ESR of the output capacitor (see note on COUT). Furthermore, the output also
may contain small voltage spikes at the peaks of the sawtooth waveform. This is due to the fast switching of the
output switch and the parasitic inductance of COUT. These voltage spikes can be minimized through the use of
low-inductance capacitors.
There are several ways to reduce the output ripple voltage: a larger inductor, a larger COUT, or both. Another
method is to use a small LC filter (20
µH and 100 µF) at the output. This filter can reduce the output ripple
voltage by a factor of 10 (see Figure 2).
For fixed-voltage options, FEEDBACK must be wired to VOUT. For the adjustable version, FEEDBACK must be
connected between the two programming resistors. Again, both of these resistors should be in close proximity to
the regulator, and each should be less than 100 k
Ω to minimize noise pickup.
ON/OFF should be grounded or be a low-level TTL voltage (typically <1.6 V) for normal operation. To shut down
the TL2575 or TL2575HV and put it in standby mode, a high-level TTL or CMOS voltage should be supplied to
this pin. ON/OFF should not be left open and safely can be pulled up to VIN with or without a pullup resistor.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com