Electronic Components Datasheet Search
  English  ▼

X  

AS1105 Datasheet(PDF) 8 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 8 Page - ams AG

Back Button AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet AS1105
Revision 1.32, Oct. 2004
Page 8 of 12
When the LOAD signal finally goes to high all shift registers
are latched. The first four devices have got no-operation
commands and only the fifth device sees the intended
command and updates its register.
Reset and external Clock Register3
This register is addressed via the serial interface. It allows
to switch the device to external clock mode (If D0=1 the
CLK pin of the serial interface operates as system clock
input.) and to apply an external reset (D1). This brings all
registers (except reg. E) to default state. For standard
operation the register contents should be "00h".
Register Data
Mode
Address
code (hex) D7 D6 D5 D4 D3 D2 D1 D0
Normal Operation,
internal clock
0xXE
XX XX X X 0 0
Normal Operation,
external clock
0xXE
XX XX X X 0 1
Reset state,
internal clock
0xXE
XX XX X X 1 0
Reset state,
external clock
0xXE
XX XX X X 1 1
Table 11: Reset and external Clock register (address (hex) = 0xXE)
VLED (V)
ISEG (mA)
1.5
2.0
2.5
3.0
3.5
40
12.2
11.8
11.0
10.6
9.69
30
17.8
17.1
15.8
15.0
14.0
20
29.8
28.0
25.9
24.5
22.6
10
66.7
63.7
59.3
55.4
51.2
Table 12: RSET vs. segment current and LED forward voltage
3 This register is not used by MAX7219, since it does not support
software reset and external clocks
Applications Information
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1105 shall
be placed very close to the LED display to minimize effects
of electromagnetic interference and wiring inductance.
Furthermore it is recommended to connect a 10µF
electrolytic and a 0.1µF ceramic capacitor between VDD
and GND to avoid power supply ripple. Also, both GNDs
must be connected to ground.
Selecting RSET Resistor and Using External Drivers
The current through the segments is controlled via the
external resistor RSET. Segment current is about 100 times
the current in ISET. The right values for ISET are given in
table 12. The maximum current the AS1105 can drive is
40mA. If higher currents are needed, external drivers must
be used. In that case it is no longer necessary that the
AS1105 drives high currents. A recommended value for
RSET is 47k
Ω. In cases that the AS1105 only drives few
digits table 9 specifies the maximum currents and RSET must
be set accordingly. Refer to absolute maximum ratings to
calculate acceptable limits for ambient temperature,
segment current, and the LED forward-voltage drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12