Electronic Components Datasheet Search
  English  ▼

X  

AS1105 Datasheet(PDF) 9 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 9 Page - ams AG

Back Button AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet AS1105
Revision 1.32, Oct. 2004
Page 9 of 12
4x8 LED Dot Matrix Driver
The example in Figure 3 uses the AS1105 to drive an 4x8 LED dot matrix. The LED columns have common cathode
and are connected to the DIG0-3 outputs. The rows are connected to the segment drivers. Each of the 32 LEDs can
be addressed separately. The columns are selected via the digits as shown in Table 2. The decode mode register
(0xX9) has to be programmed to ‘00000000’ as stated in Table 4. The single LEDs in a column can be addressed as
stated in Table 6, where D0 corresponds to segment G and d/ to segment DP. For a multiple digit dot matrix several
AS1105 have to be cascaded.
Cascading Drivers
The AS1105 can be cascaded as well. The DOUT pin must be connected to the DIN pin of the following AS1105.
Package
Thermal Resistance (
θθθθJA)
20 Wide SO
+85°C/W
Maximum Junction Temperature (TJ) = +150°C
Maximum Ambient Temperature (TA) = +85°C
Table 13: Package thermal resistance data
Figure 3: Application example as LED dot matrix driver
µP
DIG 3
4x8 LED Dot
Mt i
9.53k
VBAT
LOA
CLK
GND GND
DIG 0-3
SEG A-G
SEP DP
VDD
4
9
1
12
1
18
19
ISET
DIN
DIG 0
SEG B
SEG A
SEG DP
SEG E
SEG D
SEG C
SEG F
SEG G
4x8 LED Dot
Mt i
9.53k
VBAT
LOA
CLK
GND GND
DIG 0-3
SEG A-G
SEP DP
VDD
4
9
1
12
1
18
19
ISET
DIN
DIG 0
SEG B
SEG A
SEG DP
SEG E
SEG D
SEG C
SEG F
SEG G
DIG 3
DOUT
24
Diode Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12