Electronic Components Datasheet Search
  English  ▼

X  

AS1150 Datasheet(PDF) 9 Page - ams AG

Part # AS1150
Description  Quad LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1150 Datasheet(HTML) 9 Page - ams AG

Back Button AS1150 Datasheet HTML 5Page - ams AG AS1150 Datasheet HTML 6Page - ams AG AS1150 Datasheet HTML 7Page - ams AG AS1150 Datasheet HTML 8Page - ams AG AS1150 Datasheet HTML 9Page - ams AG AS1150 Datasheet HTML 10Page - ams AG AS1150 Datasheet HTML 11Page - ams AG AS1150 Datasheet HTML 12Page - ams AG AS1150 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.19
9 - 15
AS1150, AS1151
austriamicrosystems
Data Sheet
LVDS Interface
8 Detailed Description
The AS1150 and AS1151 are 500Mbps, four-channel LVDS receivers intended for high-speed, point-to-point, low-
power applications. Each independent channel accepts and converts an LVDS input to an LVTTL/LVCMOS output.
The devices are capable of detecting differential signals from 100mV to 1V within an input voltage range of 0 to 2.4V.
The 250 to 450mV differential output of an LVDS driver is nominally centered around 1.25V. Due to the receiver input
voltage range, a ±1V voltage shift in the signal relative to the receiver is allowed. Thus, a difference in ground refer-
ences of the transmitter and the receiver, as well as the common mode effect of coupled noise, can be tolerated.
LVDS Interface
The LVDS Interface Standard is a signaling method defined for point-to-point communication over a controlled-imped-
ance medium as defined by the ANSI TIA/EIA-644 and IEEE 1596.3 standards. The LVDS standard uses a lower volt-
age swing than other common communication standards, resulting in higher data rates, reduced power consumption
and EMI emissions, and less susceptibility to noise.
The devices fully comply with the LVDS standard input voltage range of 0 to +2.4V referenced to receiver ground.
The AS1151 has an integrated termination resistors connected internally across each receiver input. This internal ter-
mination saves board space, eases layout, and reduces stub length compared to an external termination resistor. In
other words, the transmission line is terminated on the IC.
Failsafe Circuit
The devices contain an integrated failsafe circuit to prevent noise at inputs that are open, undriven and terminated, or
undriven and shorted.
Open or undriven terminated input conditions can occur if there is a cable failure or when the LVDS driver outputs are
high impedance. A short condition also can occur because of a cable failure. The failsafe circuit of the AS1150/AS1151
automatically sets the output high if any of these conditions are true.
The failsafe input circuit (see Figure 16) samples the input common-mode voltage and compares it to VCC - 0.3V (nom-
inal). If the input is driven to levels specified in the LVDS standards, the input common-mode voltage is less than VCC -
0.3V and the failsafe circuit is not activated. If the inputs are open, undriven and shorted, or undriven and parallel ter-
minated, there is no input current. In this case, a pullup resistor in the failsafe circuit pulls both inputs above VCC - 0.3V,
activating the failsafe circuit and thus forcing the device output high.
Figure 16. Failsafe Input Circuit
VCC - 0.3V
RIN2
RIN1
RIN1
RDIFF
AS1151
VCC - 0.3V
RIN2
RIN1
RIN1
AS1150
INx-
OUTx
INx+
INx-
OUTx
INx+
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com