Electronic Components Datasheet Search
  English  ▼

X  

AS1150 Datasheet(PDF) 5 Page - ams AG

Part # AS1150
Description  Quad LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1150 Datasheet(HTML) 5 Page - ams AG

  AS1150 Datasheet HTML 1Page - ams AG AS1150 Datasheet HTML 2Page - ams AG AS1150 Datasheet HTML 3Page - ams AG AS1150 Datasheet HTML 4Page - ams AG AS1150 Datasheet HTML 5Page - ams AG AS1150 Datasheet HTML 6Page - ams AG AS1150 Datasheet HTML 7Page - ams AG AS1150 Datasheet HTML 8Page - ams AG AS1150 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.19
5 - 15
AS1150, AS1151
austriamicrosystems
Data Sheet
AC Electrical Characteristics
6 Typical Operating Characteristics
VCC = +3.3V, VCM = +1.2V, |VID| = 0.2V, CLOAD = 15pF, TAMB = +25ºC, unless otherwise noted.
Figure 2. Supply Current vs. Frequency
Figure 3. Supply Current vs. Temperature
Figure 4. Diff. Threshold Voltage vs. VCC
Figure 5. Output Short-Circuit Current vs. VCC
Figure 6. Output Low Voltage vs. VCC
Figure 7. Output High Voltage vs. VCC
0
10
20
30
40
50
60
70
80
90
100
0,01
0,1
1
10
100
1000
Frequency (MHz)
0
2
4
6
8
10
12
14
-40
-20
0
204060
80
100
Tem perature (°C)
All Channels Switching
One Channel Switching
Outputs Low
Outputs High
0
10
20
30
40
50
60
70
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)
0
20
40
60
80
100
120
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)
Low to High
High to Low
2,7
2,9
3,1
3,3
3,5
3,7
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)
105
106
107
108
109
110
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com