Electronic Components Datasheet Search
  English  ▼

X  

AS3682 Datasheet(PDF) 12 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 12 Page - ams AG

Back Button AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG AS3682 Datasheet HTML 12Page - ams AG AS3682 Datasheet HTML 13Page - ams AG AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG AS3682 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
12 - 43
9 Mode Settings
The AS3682 can operate in four different application modes which can be easily selected either by external pins or will
be factory preset.
!
Normal Mode – The AS3682 is fully programmable via an I2C interface allowing for access to all control registers.
The maximum total Flash Current of 450mA can be set in 15 or 30mA steps. Preview and strobe timing can be con-
trolled either by internal registers or by dedicated pins (STROBE/F2, GPIO0/P0) connected to the BB or a camera
module. The 3 Flash LED current sinks can only be addressed as a single block.
The three General Purpose LED current sinks can be addressed individually allowing for the realization of Back-
lighting, Movie Indicator LEDs or an RGB Fun Light or can be connected to the Flash LED. The maximum current
per sink is 37.5mA whereas the current can be set in 2.5mA steps per channel.
!
Soft Flash Mode – The AS3682 is fully programmable via an I2C interface allowing for access to all control regis-
ters. The maximum total Flash Current of 480mA can be set in 1.875mA steps. Preview and strobe timing can be
controlled either by internal registers or by dedicated pins (STROBE/F2, GPIO0/P0) connected to the BB or a Cam-
era Module. The 3 Flash LED current sinks can only be addressed as a single block.
The three General Purpose LED current sinks can be addressed individually allowing for the realization of Back-
lighting, Movie Indicator LEDs or an RGB Fun Light or can be connected to the Flash LED. The maximum current
per sink is 160mA whereas the current can be set in 2.5mA steps per channel.
!
Hard Flash Mode 1 – All AS3682 functions are controlled by dedicated Enable Pins. Seven different current levels
can be set independently for Preview and Flash by the Preview pins (GPIO0/P0, DATA/P1, CLK/P2) and the Flash
pins (T1/F0, SFL/F1, STROBE/F2). The maximum total current is 450mA for strobe and 240mA for preview when
connecting 3 current sinks to the LED. Since Hard Flash Mode 1 addresses all 6 current sinks, higher preview and
strobe currents can be programmed, however the total absolute maximum current must not exceed 480mA.
!
Hard Flash Mode 2 – All AS3682 functions are controlled by dedicated Enable Pins. The three Flash Current sinks
(Curr11, Curr12, Curr13) act as a single block being controlled by the Flash control pins (T1/F0, SFL/F1, STROBE/
F2). The maximum total Flash current of 450mA can be adjusted in 60mA steps.
The three General Purpose LED current sinks (Curr11, Curr12, Curr13)) can be addressed independently from the
Flash LEDs by dedicated pins (GPIO0/P0, DATA/P1, CLK/P2). The current per-sink can be adjusted in 6 levels up
to 20mA per channel with a resolution of 2.5mA. A seventh level allows for a maxim of 37.5mA which can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com