Electronic Components Datasheet Search
  English  ▼

X  

AS8168 Datasheet(PDF) 22 Page - ams AG

Part # AS8168
Description  Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8168 Datasheet(HTML) 22 Page - ams AG

Back Button AS8168 Datasheet HTML 18Page - ams AG AS8168 Datasheet HTML 19Page - ams AG AS8168 Datasheet HTML 20Page - ams AG AS8168 Datasheet HTML 21Page - ams AG AS8168 Datasheet HTML 22Page - ams AG AS8168 Datasheet HTML 23Page - ams AG AS8168 Datasheet HTML 24Page - ams AG AS8168 Datasheet HTML 25Page - ams AG AS8168 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Data Sheet AS8168
Revision 1.2, 11-Feb-05
Page 22 of 30
Analog Readout
The analog readout can be performed by disconnecting the PROG pin from the calibration board and starting a ‘read’
sequence. At specific points in time the voltage level on the PROG pin must be sampled. These time points are shown in the
following timing diagram.
TM
DIRO
PROG
69
68
67
66
0
1
2
High
Low
High
Low
CAL
High
Low
end
read
measure
zener diode
voltage:
69
68
67
66
65
0
5V
2.4V
0.5V
The numbers at the bottom of this timing diagram indicate the sample points of the bits in the PROM table, at which the zener
diode voltage level can be measured and compared against the limits for burned and unburned zener diodes.
In general this readout is most important, when a new calibration system is installed. Variations on the burn voltage or even
the length of the cable connected to the AS8168 PROG pin may have an influence on the quality of the burn process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com