Electronic Components Datasheet Search
  English  ▼

X  

AS8168 Datasheet(PDF) 4 Page - ams AG

Part # AS8168
Description  Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8168 Datasheet(HTML) 4 Page - ams AG

  AS8168 Datasheet HTML 1Page - ams AG AS8168 Datasheet HTML 2Page - ams AG AS8168 Datasheet HTML 3Page - ams AG AS8168 Datasheet HTML 4Page - ams AG AS8168 Datasheet HTML 5Page - ams AG AS8168 Datasheet HTML 6Page - ams AG AS8168 Datasheet HTML 7Page - ams AG AS8168 Datasheet HTML 8Page - ams AG AS8168 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet AS8168
Revision 1.2, 11-Feb-05
Page 4 of 30
AS8168 Performance Graphs
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
Gain 16
Gain 20
Gain 4
Graph 1: Error as a % of reading for gain settings 4, 16 and 20 at 25
°°°°C
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
27°C
-40°C
85°C
Graph 2: Error as a % of reading at temperature limits and PF = 1
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
85°C
-40°C
27°C
Graph 3: Error as a % of reading at temperature limits and PF = 0.8
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
85°C
-40°C
27°C
Graph 4: Error as a % of reading at temperature limits and PF = 0.5
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
Average 4.5V
Average 5.5V
Average 5.0V
Graph 5: Error as a % of reading with variation in VDD
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
0,01
0,1
1
10
100
I [A]
264.5V
230V
184V
Graph 6: Error as a % of reading with mains voltage variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com