Electronic Components Datasheet Search
  English  ▼

X  

AS8501TUB Datasheet(PDF) 17 Page - ams AG

Part # AS8501TUB
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TUB Datasheet(HTML) 17 Page - ams AG

Back Button AS8501TUB Datasheet HTML 13Page - ams AG AS8501TUB Datasheet HTML 14Page - ams AG AS8501TUB Datasheet HTML 15Page - ams AG AS8501TUB Datasheet HTML 16Page - ams AG AS8501TUB Datasheet HTML 17Page - ams AG AS8501TUB Datasheet HTML 18Page - ams AG AS8501TUB Datasheet HTML 19Page - ams AG AS8501TUB Datasheet HTML 20Page - ams AG AS8501TUB Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 17 of 40
Current source setting bits (5 bits)
Nr.
Current [uA]
i4
i3
i2
i1
i0
NOTE
0
0
0
0
0
0
0
1
8
0
0
0
0
1
2
16
0
0
0
1
0
3
24
0
0
0
1
1
4
32
0
0
1
0
0
…
…
…
…
…
…
31
248
1
1
1
1
1
subregister CRV: Voltage configuration (4 bits )
Nr.
Bits
3
2
1
0
NOTE
0
CRV bit
names
M15
M10
M9
M7
1),3)
1
Defaults
0
0
0
0
2)
2
channel
VBAT-
RSHL
VBAT-ETS
differential
ETS-RSHL
ETR-
RSHL
Notes:
1)
This register defines the connection of the analog voltage- bus to the input-PINs and to the A/D converter
2)
Default logic state after power-up and before any setting
subregister CRP: Power down configuration ( 7 bits )
Nr.
Bits
p6
p5
p4
p3
p2
p1
p0
NOTE
0
CRP bit
names
pdosc
pda
pdm
pdb
pdc
pdi
pdg
1),3)
1
Defaults
0
0
0
0
1
0
0
2)
2
block
oscillator amplifier
modu-
lator
ref. bias
current
source
internal
temp.
analog
GND
Notes:
1)
This register defines the power-down signals of the building blocks
2)
Default power-up state before any setting
3)
The logic is positive (pdosc=1 means the corresponding block is in power-down)
7.5.3
CRA measurement channel A configuration register ( 17 bits )
Nr.
Bits
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOTE
0
CRA bit
names
cu2 cu1 cu0
M5
M4
M3
M2
M1
g1
g0
f
r
mm n3 n2
n1
n0 1), 3)
1
Defaults
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
0
0 2)
2
subreg.
CRU
CRM
GN
OSF
OSR
MM
CRN
Notes:
1)
This register defines the measurement channel A configuration
2)
Default power-up state before any setting
3)
Bit M1 is control signal of the multiplexer for current input
(for example M1=1 means that corresponding switch is closed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com