Electronic Components Datasheet Search
  English  ▼

X  

AS8501TUB Datasheet(PDF) 26 Page - ams AG

Part # AS8501TUB
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TUB Datasheet(HTML) 26 Page - ams AG

Back Button AS8501TUB Datasheet HTML 22Page - ams AG AS8501TUB Datasheet HTML 23Page - ams AG AS8501TUB Datasheet HTML 24Page - ams AG AS8501TUB Datasheet HTML 25Page - ams AG AS8501TUB Datasheet HTML 26Page - ams AG AS8501TUB Datasheet HTML 27Page - ams AG AS8501TUB Datasheet HTML 28Page - ams AG AS8501TUB Datasheet HTML 29Page - ams AG AS8501TUB Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 26 of 40
The determination of Tcnv and Tres from the parameter settings is:
Tcnv
≅ R1/(fovs*2)
Tres = MM*Tcnv*R2*2
with R1=OSR and R2=number of averages
8.3
SDI bus operation
SDI bus is a 2-line bi-directional interface between one master and one slave unit. Typically the master unit is a microcontroller with software-
implemented SDI protocol. The ASIC is always the slave unit. SDI bus operation is presented on Figure 10.
During data transfers the sdat signal changes while sclk is low. The sdat signal can change while sclk is high only to generate start or
exception conditions.
Strobe ASIC
The master unit always generates the sclk signal.
The master unit generates the sdat signal in start, direction, address, master-write data and exception conditions. The master sdat pin is in
high-impedance state in master-read data condition.
The slave unit drives the sdat signal only in master-read data condition. In all other cases the slave sdat pin is in high-impedance state. During
data transfer in read condition the internal AD-conversion in continuing but the data in the MSR-register is not updated and the output of the
INTN
Tres
Tcnv
start measurement i
i-1
i+1
i-2
i-1
i
available
results on SDI
SDAT
sclk
Start
Direction
Data transfer
Address
Register data
Exception
Figure 9: INTN pin in modes 1 and 2
Figure 10: SDI bus operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com