Electronic Components Datasheet Search
  English  ▼

X  

149 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 149
Description  1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

149 Datasheet(HTML) 1 Page - Vishay Siliconix

  149 Datasheet HTML 1Page - Vishay Siliconix 149 Datasheet HTML 2Page - Vishay Siliconix 149 Datasheet HTML 3Page - Vishay Siliconix 149 Datasheet HTML 4Page - Vishay Siliconix 149 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
148, 149
www.vishay.com
Vishay Spectrol
Revision: 12-Apr-18
1
Document Number: 57040
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
DESIGN SUPPORT TOOLS
FEATURES
• Robust construction
• High rotational life (50 000 cycles)
• Up to three sections PC support plates
• Rotary switches and solder lugs terminals available
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
148 FEATURES
• Conductive plastic element
• Quiet electrical output
149 FEATURES
• Cermet element
• Low temperature coefficient (± 150 ppm/°C)
QUICK REFERENCE DATA
Multiple module
Up to 3 modules
Switch module
Yes
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic, F: reverse
logarithmic
Sealing level
IP 64
Lifespan
50K cycles
click logo to get started
Available
Models
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
12.5
(0.492)
12.5
(0.492)
(0.648)
16.45
2.54
2.54
(0.100)
(0.100)
123
123
123
7.62
(0.300)
Thread 1/4 32-NEF-2A
0.30
(0.012)
5.07
(0.200)
Single, dual or triple
Front and rear support plates
E = Flush with board surface
Dual
Single
5.08
(0.200)
5.08
(0.200)
Solder lug terminals
0.8
(0.031)
0.80
(0.031)
4.7
(0.185)
4.70
(0.185)
8.83
(0.348)
6.35
(0.250)
6.35
(0.250)
6.35
(0.250)
3.85
(0.151)
1.52
(0.06)
0.6
(0.024)
2.54
(0.100)
2.54
(0.100)
7.62
(0.300)
3.85
(0.151)
1.52
(0.06)
1.2
(0.047)
12.5
(0.492)
4.65
(0.183)
4.65
(0.183)
1.800
(0.071)
8.0
(0.315)
0.9
(0.035)
0.300
(0.012)
4.770
(0.188)
9.52
(0.375)
Thread 3/8 32-NEF-2A
FMS
FMS


Similar Part No. - 149

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
149 VISHAY-149 Datasheet
116Kb / 4P
1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
31-Jul-06
logo
List of Unclassifed Man...
149 ETC2-149 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Keystone Electronics Co...
149 KEYSTONE-149 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
Pro-Signal
149-4747 PROSIGNAL-149-4747 Datasheet
29Kb / 1P
USB 2.0 Cable
149-4748 PROSIGNAL-149-4748 Datasheet
29Kb / 1P
USB 2.0 Cable
More results

Similar Description - 149

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248 Datasheet
97Kb / 3P
1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
31-Jul-06
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
P11S VISHAY-P11S Datasheet
240Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Aug-13
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Jul-17
PRV6 VISHAY-PRV6_17 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
164 VISHAY-164 Datasheet
261Kb / 3P
1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
27-Mar-15
248 VISHAY-248_V01 Datasheet
82Kb / 5P
1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
30-Aug-17
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
21-Nov-2022
PRV6 VISHAY-PRV6_V01 Datasheet
205Kb / 7P
Fully Sealed Potentiometer Cermet or Conductive Plastic
15-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com