Electronic Components Datasheet Search
  English  ▼

X  

149 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 149
Description  1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

149 Datasheet(HTML) 3 Page - Vishay Siliconix

  149 Datasheet HTML 1Page - Vishay Siliconix 149 Datasheet HTML 2Page - Vishay Siliconix 149 Datasheet HTML 3Page - Vishay Siliconix 149 Datasheet HTML 4Page - Vishay Siliconix 149 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
148, 149
www.vishay.com
Vishay Spectrol
Revision: 12-Apr-18
3
Document Number: 57040
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Common
LOCATING PEGS (anti-rotation lug)
The locating peg is provided by a plate mounted on the bushing
and positioned by the module sides. Four set positions are
available, clock face orientation: 12, 3, 6, 9.
CODE
VERSION
BUSHING
A, B
BUSHING
F
EFFECTIVE
HIGH PEG
All 148, 149 bushings have a double flat. When panel mounting
holes have been punched accordingly, an anti-rotation lug is not
necessary.
A
Ø d mm
2
2
0.7
L mm
6.2
6.2
-
B
Ø d mm
2
2
0.7
L mm
7.75
7.75
-
C
Ø d mm
-
3.5
1.1
L mm
-
13.5
-
Locating pegs are supplied in separate bags with nuts and
washers
RSID OPTION: ROTARY SWITCH MODULES
• Rotary switches
• Current up to 2 A
• SPDT: Single pole, changeover switch in CCW position - 3 pins
• Sealing IP60
MODULES: RS ON/OFF SWITCH
RSI CHANGEOVER SWITCH
The position of each module is free.
RS and RSI rotary switches are housed in a standard 148, 149
module size 12.7 mm x 12.7 mm x 5.08 mm (0.5" x 0.5" x 0.2").
They have the same terminal styles as the assembled electrical
modules.
An assembly can comprise 1 or more switch modules.
Switch actuation is described as seen from the shaft end.
D: means actuation in maximum CCW position
The switch actuation travel is 25° with a total mechanical travel
of 300° ± 5° and electrical travel of electrical modules is 238°
± 10°.
RSID Single Pole CHANGEOVER
In full CCW position, the contact is made between 3 and 2 and
open between 3 and 1. Switch actuation (CW direction) reverses
these positions.
SWITCH SPECIFICATIONS
Switching Power Maximum
62.5 VA
15 VA =
Switching Current Maximum
0.25 A 250 V
0.5 A 30 V =
Maximum Current Through Element
2 A
Contact Resistance
100 m
Dielectric
Strength
Terminal to Terminal
1000 VRMS
Terminal to Bushing
2000 VRMS
Maximum Voltage Operation
250 V

30 V =
Insulation Resistance Between Contacts
106 M
Life at Pmax.
10 000 actuations
Minimal Travel
25°
Operating Temperature
-40 °C to +85 °C
ELECTRICAL DIAGRAM
12
L
3
6
9
Ø d
Spacer module
5.08
2.54
L
l
RSID
CCW POSITION
1
3 (1)
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com