Electronic Components Datasheet Search
  English  ▼

X  

T13 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T13
Description  Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T13 Datasheet(HTML) 5 Page - Vishay Siliconix

  T13 Datasheet HTML 1Page - Vishay Siliconix T13 Datasheet HTML 2Page - Vishay Siliconix T13 Datasheet HTML 3Page - Vishay Siliconix T13 Datasheet HTML 4Page - Vishay Siliconix T13 Datasheet HTML 5Page - Vishay Siliconix T13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
T12, T13
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
5
Document Number: 51022
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION FOR T12 (part number)
MODEL
STYLE
OPTION
OHMIC VALUE
TOLERANCE
TAPER
PACKAGING CODE
SPECIAL NUMBER
T12
X
Y
B = locking shaft
0 = without
From 22
 to 10 M
103 = 10 k
M = 20 %
On request:
K = 10 %
J = 5 %
A
L
F
B25 = box 50 pieces
(If applicable)
Given by Vishay for
custom design
DESCRIPTION (for information only)
T12
X
B
22K
20 %
A
BO
e3
MODEL
STYLE
SPECIAL
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SPECIAL
SHAFT
LEAD FINISH
ORDERING INFORMATION FOR T13 (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TAPER
PACKAGING CODE
SPECIAL NUMBER
T13
Y
From 22
to 10 M
103 = 10 k
M = 20 %
On request:
K = 10 %
A
L
F
B25 = box 50 pieces
(If applicable)
Given by Vishay for
custom design
DESCRIPTION (for information only)
T13
Y
1M
20 %
A
BL50
e3
MODEL
STYLE
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
Y1
0
M
A
B
5
13
5
2
T
XB
2
2
M
A
B
3
12
5
2
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com