Electronic Components Datasheet Search
  English  ▼

X  

T13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T13
Description  Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T13 Datasheet(HTML) 1 Page - Vishay Siliconix

  T13 Datasheet HTML 1Page - Vishay Siliconix T13 Datasheet HTML 2Page - Vishay Siliconix T13 Datasheet HTML 3Page - Vishay Siliconix T13 Datasheet HTML 4Page - Vishay Siliconix T13 Datasheet HTML 5Page - Vishay Siliconix T13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T12, T13
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
1
Document Number: 51022
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Sealed Container 12 mm Square or Round Single-Turn
Cermet Trimmer
The Vishay Sfernice trimming potentiometers T12 and T13
fully meet the requirements of CECC 41 100.
The use of a cermet track combined with sealing of the case
provides unique characteristics and performances.
T12 and T13 have been specially designed for mounting on
printed circuit board.
FEATURES
• Military and professional grade
• High power rating (1 W at 70 °C)
• Tests according to CECC 41000 or IEC 60393-1
• High stability (1 % typical)
• Mechanical strength
• Hermetic sealing of the case
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
T12X - PM06X
T13Y
T12Y - PM06Y
TERMINAL SPACING ON THE PCB
Drilling Diameter: 1.2 mm
T12X
T12Y
LOCKING DEVICE: T12XB-YB
Base Level
7 ± 0.2
3.8 min
0.4
9.5 ± 0.5
1.5
Ø 3
4.5 min
0.75
12 ± 0.5
13 ± 0.5
Ø 12.6 ± 0.1
4.5 min 10 ± 0.5
1.5 ± 0.5
Ø 3
0.8
c
b
a
0.3
5.08
5.08
2
10 ± 0.5
5 min
1.5
Base Level
4.5
12 ± 0.5
12 ± 0.5
ø 3
0.75
0.4
5.08
5.08
10.16
5.08
5.08
a
c
b
10.16
5.08
5.08
a
c
b
6 × 6 nut with slots
M3 × 0.50
4 ± 0.5


Similar Part No. - T13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T13 VISHAY-T13 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
logo
Schurter Inc.
T13-123B-1.23 SCHURTER-T13-123B-1.23 Datasheet
391Kb / 6P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
logo
Mini-Circuits
T13-1T MINI-T13-1T Datasheet
180Kb / 1P
RF Transformer
T13-1T+ MINI-T13-1T+ Datasheet
180Kb / 1P
RF Transformer
T13-1T+ MINI-T13-1T+ Datasheet
264Kb / 1P
Impedance ratios from 1:1 up to 16:1
More results

Similar Description - T13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T12 VISHAY-T12 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com