Electronic Components Datasheet Search
  English  ▼

X  

T53 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T53
Description  5 mm Through Hole Trimmer Single-Turn Cermet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T53 Datasheet(HTML) 1 Page - Vishay Siliconix

  T53 Datasheet HTML 1Page - Vishay Siliconix T53 Datasheet HTML 2Page - Vishay Siliconix T53 Datasheet HTML 3Page - Vishay Siliconix T53 Datasheet HTML 4Page - Vishay Siliconix T53 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T53
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
1
Document Number: 51014
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5 mm Through Hole Trimmer Single-Turn Cermet
The T53 trimming potentiometer volumetric efficiency
(5 mm x 5 mm x 2.7 mm) with high performance and
stability. The T53 design is suitable for both manual or
automatic operation.
FEATURES
• Fully sealed
• 0.25 W at 70 °C
• Wide ohmic range (10
Ω to 1 MΩ)
• Low contact resistance variation (2 % or 3
Ω)
• Small size for optimum packaging density
• Suitable for both manual or automatic operation
• For SMD version see TS53Y series
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.25 mm)
5
3
3.1
2.6
0.4
0.5 x 0.2
2.54
5.08
2.54
5
c
a
b
Cruciform screwdriver slot
Ø 2.5 width 0.5
Deep: 0.55
Max. deep (center): 0.7


Similar Part No. - T53

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T53 EUROQUARTZ-T53 Datasheet
131Kb / 2P
Precision Miniature TCXO
logo
Vishay Siliconix
T53 VISHAY-T53 Datasheet
102Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
logo
List of Unclassifed Man...
T530 ETC1-T530 Datasheet
244Kb / 2P
Professional Thermal Imaging Cameras
logo
Kemet Corporation
T530D157M010AE006 KEMET-T530D157M010AE006 Datasheet
220Kb / 2P
POLYMER TANTALUM CHIP CAPACITORS
T530D157M010AH4096 KEMET-T530D157M010AH4096 Datasheet
106Kb / 2P
High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
More results

Similar Description - T53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
T53 VISHAY-T53 Datasheet
102Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com