Electronic Components Datasheet Search
  English  ▼

X  

T53 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T53
Description  5 mm Through Hole Trimmer Single-Turn Cermet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T53 Datasheet(HTML) 3 Page - Vishay Siliconix

  T53 Datasheet HTML 1Page - Vishay Siliconix T53 Datasheet HTML 2Page - Vishay Siliconix T53 Datasheet HTML 3Page - Vishay Siliconix T53 Datasheet HTML 4Page - Vishay Siliconix T53 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T53
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
3
Document Number: 51014
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
Load life
1000 h at rated power
90'/30' - ambient temp. +70 °C
± 2 %
Contact res. variation:
ΔR < 1 % Rn
3 %
Moisture resistance
MIL-STD 202 method 106
10 cycles of 24 h constituted
with damp heat - cold - vibrations
± 2 %
Dielectric strength: 1000 VRMS
Insulation resistance. > 104 M
Ω
± 3 %
Long term damp heat
Temperature 40 °C - RH 93 %
56 days
± 2 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
Ω
± 3 %
Thermal shock
-55 °C to +125 °C - 5 cycles
± 1 %
ΔV1-2/V1-3 ≤ ± 2 %
Rotational life
(electrical and mechanical)
100 cycles - rated power
± (3 % + 5
Ω)
Shock
MIL-STD 202 method 213/1
100 g - 6 ms
3 successive shocks in 3 directions
± 1 %
ΔV1-2/V1-3 ≤ ± 1 %
Vibration
MIL-STD 202 method 204/D
20 g - 12 h
± 1 %
ΔV1-2/V1-3 ≤ ± 1 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. WIPER
CURRENT
Ω
W
V
mA
ppm/°C
10
0.25
1.58
158
± 100
20
0.25
2.24
112
50
0.25
3.54
71
100
0.25
5.00
50
200
0.25
7.07
35
500
0.25
11.2
22
1K
0.25
15.8
16
2K
0.25
22.4
11
5K
0.25
35.4
7
10K
0.25
50.0
5
20K
0.25
70.7
3.5
50K
0.25
112
2.2
100K
0.25
158
1.6
200K
0.20
200
1.0
500K
0.08
200
0.4
1M
0.04
200
0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com