Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8065
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 8Page - Analog Devices LTM8065 Datasheet HTML 9Page - Analog Devices LTM8065 Datasheet HTML 10Page - Analog Devices LTM8065 Datasheet HTML 11Page - Analog Devices LTM8065 Datasheet HTML 12Page - Analog Devices LTM8065 Datasheet HTML 13Page - Analog Devices LTM8065 Datasheet HTML 14Page - Analog Devices LTM8065 Datasheet HTML 15Page - Analog Devices LTM8065 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM8080
12
Rev. 0
For more information www.analog.com
VBUS (Bank 1): Output of the switching regulator and the
inputs of LDOs. VBUS = 2.5V or (VOUT1 + 1V), whichever
is higher. VBUS may deliver current based on the following
formula: IBUS(MAX) = 1.5 – (IOUT1 + IOUT2), in amperes.
Add more capacitors to these pins when necessary; see
Table 1 for recommended values.
GND (Bank 2, Pins A1, A6): Tie these GND pins to a
local ground plane below the LTM8080 and the circuit
components. In most applications, the bulk of the heat
flow out of the LTM8080 is through these pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout sections for
more details.
VOUTn (Bank 3, Bank 5): Power Output Pins. These pins
supply power to the load. For stability, use a minimum
10µF output capacitor with an ESR below 20mΩ and an
ESL below 2nH. Large load transients require larger out-
put capacitance to limit peak voltage transients. Refer to
the Applications Information section for more information
on output capacitance. The VOUT2 voltage must be equal
to or less than the VOUT1 voltage.
VIN (Bank 4): VIN supplies current to the LTM8080’s inter-
nal regulator and to the internal power switches. These
pins must be locally bypassed with an external, low ESR
capacitor; see Table 1 for recommended values.
SS (Pin A2): The SS pin is used to provide a soft-start
from the switching regulator. The internal 2μA pull-up
current, in combination with an external capacitor tied
to this pin, creates a voltage ramp. The soft-start ramp
time is approximated by the equation t = 0.39 • C where
C is in μF. This pin is pulled to the ground with an inter-
nal MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
This pin may be left floating.
RUN (Pin A3): Pull the RUN pin below 0.9V to shut
down the LTM8080. Tie to 1.2V or above for normal
operation. If the shutdown feature is not used, tie this
pin to the VIN pin.
SYNC (Pin B6): External clock synchronization input and
operational mode. This pin programs four different oper-
ating modes:
1. Burst Mode® Operation. Tie this pin to the ground for
Burst Mode operation at low output loads, resulting in
an ultralow quiescent current.
2. Pulse-skipping mode. Float this pin for pulse-skipping
mode. This mode offers full-frequency operation down
to low output loads before pulse skipping occurs.
3. Spread spectrum mode. Tie this pin high (between 2.9V
and 4.2V) for pulse-skipping mode with spread spec-
trum modulation.
4. Synchronization mode. Drive this pin with a clock
source to synchronize to an external frequency.
During synchronization, the part will operate in
pulse-skipping mode.
RT (Pin C6): Use the RT pin to program the switching fre-
quency of the LTM8080 by connecting a resistor from this
pin to the ground. See Table 2 to determine the resistance
value based on the desired switching frequency. Minimize
capacitance at this pin. Do not drive this pin.
PGn (Pins G2, G5): Power Good. PG is an open-col-
lector flag that indicates output voltage regulation. PG
pulls low if PGFB is below 300mV. If the power good
functionality is not needed, float the PG pin. A parasitic
substrate diode exists between PG and GND pins; do
not drive PG more than 0.3V below GND during regular
operation or a fault condition.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com