Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8065
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 16Page - Analog Devices LTM8065 Datasheet HTML 17Page - Analog Devices LTM8065 Datasheet HTML 18Page - Analog Devices LTM8065 Datasheet HTML 19Page - Analog Devices LTM8065 Datasheet HTML 20Page - Analog Devices LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM8080
20
Rev. 0
For more information www.analog.com
VOUT Fast Start-Up
For ultralow noise applications that require low 1/f
noise (i.e., at frequencies below 100Hz), a larger value
SET pin capacitor is required, up to 22µF. While this
would typically significantly increase the regulator’s
start-up time, the LTM8080 incorporates fast start-up
circuitry that increases the SET pin current to about 2mA
during start-up.
A 2mA current source remains engaged to charge the SET
pin while the respective PGFB is below 300mV unless the
regulator is in current limit, dropout, thermal shutdown,
or input voltage is below minimum VIN.
If fast start-up capability is not used, tie PGFBn to VBUS or
VOUT for output voltages above 300mV. Note that doing
so also disables power good functionality.
Programmable Power Good
Power good threshold is user-programmable using the
ratio of two external resistors, RPG1,3 and RPG2,4 (refer
to Block Diagram and Equation 3).
VOUT(PG_THRESHOLD) =
0.3V •
RPG1,3
RPG2,4
− IPGFB•RPG1,3
1+
(3)
If the PGFB pin increases above 300mV, the respective
open-collector PG pin de-asserts and becomes high
impedance. The power good comparator has 7mV hys-
teresis and 5µs of deglitching. Therefore, the PGFB pin
current (IPGFB =  25nA, typically) must be considered
when determining the resistor divider network. The PGFB
pin current (IPGFB) can be ignored if RPG2,4 is less than
30k. If power good functionality is not used, float the
PG pin. Please note that programmable power good and
fast start-up capabilities are disabled for output voltages
below 300mV.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8080. The LTM8080 is, neverthe-
less, a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with a
high level of integration, you may fail to achieve specified
operations with a haphazard or poor layout. See Figure 2
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place CSET, RSET, COUT, CBUS, and RT as close to their
respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8080.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8080.
4. Place the CIN and CBUS capacitors so that their ground
current flows directly adjacent to or underneath the
LTM8080.
5. Connect all the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8080.
6. Use vias to connect the GND copper area to the
board’s internal ground planes. Liberally distribute
these GND vias to provide both a good ground con-
nection and thermal path to the internal planes of the
printed circuit board. Pay attention to the location and
density of the thermal vias as shown in Figure 2. The
LTM8080 can benefit from the heat sinking afforded
by vias that connect to internal GND planes at these
locations due to their proximity to internal power han-
dling components. The optimum number of thermal
vias depends upon the printed circuit board design.
For example, a board might use tiny holes. Therefore,
it should employ more thermal vias than a board that
uses larger holes.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com