Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8060
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 2Page - Analog Devices LTM8060 Datasheet HTML 3Page - Analog Devices LTM8060 Datasheet HTML 4Page - Analog Devices LTM8060 Datasheet HTML 5Page - Analog Devices LTM8060 Datasheet HTML 6Page - Analog Devices LTM8060 Datasheet HTML 7Page - Analog Devices LTM8060 Datasheet HTML 8Page - Analog Devices LTM8060 Datasheet HTML 9Page - Analog Devices LTM8060 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8080
6
Rev. 0
For more information www.analog.com
Power Loss, VOUT = 1V,
VBUS = 2.5V, VOUT1,2 in Parallel,
Burst-Mode Operation
IIN vs IOUT, VOUT = 1.2V,
VBUS = 2.5V, VOUT1,2 in Parallel,
Burst-Mode Operation
12VIN
24VIN
36VIN
0
0.8
1.6
2.4
3.2
4.0
8080 G26
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
12VIN
24VIN
36VIN
0
80
160
240
320
400
8080 G27
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
Efficiency vs Load, VBUS = 6V Pulse-
Skipping Mode, fSW = 1.3MHz
Efficiency vs Load, VBUS = 9V Pulse-
Skipping Mode, fSW = 1.4MHz
Efficiency vs Load, VBUS = 3.5V
Pulse-Skipping Mode, fSW = 1.1MHz
Efficiency vs Load, VBUS = 4.3V
Pulse-Skipping Mode, fSW = 1.2MHz
IIN vs IOUT, VOUT = 0.8V,
VBUS = 2.5V, VOUT1,2 in Parallel,
Burst-Mode Operation
Power Loss, VOUT = 0.8V,
VBUS = 2.5V, VOUT1,2 in Parallel,
Burst-Mode Operation
IIN vs IOUT, VOUT = 1V,
VBUS = 2.5V, VOUT1,2 in Parallel,
Burst-Mode Operation
12VIN
24VIN
36VIN
0
60
120
180
240
300
8080 G23
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
12VIN
24VIN
36VIN
0
0.8
1.6
2.4
3.2
4.0
8080 G24
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
12VIN
24VIN
36VIN
0
80
160
240
320
400
8080 G25
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G19
LOAD CURRENT (A)
VIN = 12V
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G20
LOAD CURRENT (A)
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G21
VIN = 24V
VIN = 36V
0
0.25
0.50
0.75
1
1.25
1.50
40
45
50
55
60
65
70
75
80
85
90
95
8080 G22
LOAD CURRENT (A)
TA = 25°C, VBUS = VOUT1 + 1V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com